Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08B200CIVS/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Part # ADC08B200CIVS/NOPB
Description  ADC08B200 / ADC08B200Q 8-Bit, 200 MSPS A/D Converter with Capture Buffer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08B200CIVS/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADC08B200CIVS/NOPB Datasheet HTML 19Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 20Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 21Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 22Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 23Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 24Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 25Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 26Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
4.7k
0.1 PF
309:
470:
VIN
1/2
LM8272
-
+
1
8
4
3
2
10 PF
+
+3.3V
0.01 PF
1 PF
1/2
LM8272
+
-
6
5
1.62k
0.01 PF
7
604:
LM4040-2.5
0.1 PF
0.1 PF
1 PF
4.7k
1 PF
8 11
GND
ADC08B200
D7
D6
D5
D0
D1
D2
D3
D4
6
3
5
30
DR GND
10
VRT
VIN
2
46
CLK
9
0.1 PF
10 PF
+
1 4
32
0.1 PF
10 PF
VDR
VA
Choke
0.1 PF
10 PF
+
12
7
VIN GND
38
MUL0
39
MUL1
BSIZE0
BSIZE1
24
23
DRDY
31
OE
40
OEDGE
14
EF
15
FF
16
REN
20
WEN
17
21 42 45 47
43
44 48
+
10 PF
0.1 PF
VP
RCLK
19
ASW
25
18
WENsync
37
RESET
22
VD
PD
13
26
27
28
36
35
34
33
29
PDADC
41
VRM
VRB
+3.3V
ADC08B200
www.ti.com
SNAS388F – MARCH 2007 – REVISED APRIL 2013
The LM8272 was chosen because of its rail-to-rail input and output capability, its high output current capability
and its ability to drive large capacitive loads.
The divider resistors at the inputs to the amplifiers could be changed to suit the application reference voltage
needs, or the divider can be replaced with potentiometers or DACs for precise settings. The bottom of the ladder
(VRB) may be returned to ground if the minimum input signal excursion is 0V.
VRT should always be at least 0.5V more positive than VRB. While VRT may be as high as the VA supply voltage
and VRB may be as low as ground, the difference between these two voltages (VRT − VRB should not exceed 2.3V
to prevent a slight waveform distortion.
The VRM pin is the center of the reference ladder and should be bypassed to a quiet point in the ground plane
with a 0.1 µF capacitor. DO NOT leave this pin open and DO NOT load this pin with more than 10µA.
Figure 45. Driving the Reference to Force Desired Values Requires Driving with a Low Impedance
Source
THE ANALOG INPUT
The analog input of the ADC08B200 is a switch followed by an integrator. The input capacitance changes with
the clock level, appearing as 3 pF when the clock is low, and 4 pF when the clock is high. The sampling nature
of the analog input causes current spikes at the input that result in voltage spikes there. These spikes are normal
and need not be eliminated. However, any amplifier used to drive the analog input must be able to settle within
the clock high time. Using a single pole RC filter between the amplifier and the ADC input will minimize the
effects of these transients on the driving amplifier. The cutoff frequency of this filter should be approximately the
same as the ADC sample rate for Nyquist applications. Choose a capacitor value of 33 pF to 51 pF and a
resistor value according to the formula
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: ADC08B200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com