Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08B200CIVS/NOPB Datasheet(PDF) 34 Page - Texas Instruments

Part # ADC08B200CIVS/NOPB
Description  ADC08B200 / ADC08B200Q 8-Bit, 200 MSPS A/D Converter with Capture Buffer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08B200CIVS/NOPB Datasheet(HTML) 34 Page - Texas Instruments

Back Button ADC08B200CIVS/NOPB Datasheet HTML 30Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 31Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 32Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 33Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 34Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 35Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 36Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 37Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
ADC08B200
SNAS388F – MARCH 2007 – REVISED APRIL 2013
www.ti.com
Figure 48. Isolating the ADC Clock from Digital Circuitry
It is good practice to keep the ADC clock line as short as possible and to keep it well away from other signals,
which can introduce jitter into the clock signal. The clock signal can also introduce noise into a nearby signal
path.
COMMON APPLICATION PITFALLS
Driving the inputs (analog or digital) beyond the power supply rails. For proper operation, all inputs should
not go more than 300 mV below the ground pins or 300 mV above the supply pins. Exceeding these limits on
even a transient basis may cause faulty or erratic operation. It is not uncommon for high speed digital circuits
(e.g., 74F and 74AC devices) to exhibit undershoot that goes more than a volt below ground. A 47
Ω resistor in
series with the offending digital input, close to the driving source, will usually eliminate the problem.
Care should be taken not to overdrive the inputs of the ADC08B200. Such practice may lead to conversion
inaccuracies and even to device damage.
Attempting to drive a high capacitance digital data bus. The more capacitance the output drivers must
charge for each conversion, the more instantaneous digital current is required from VDR and DR GND. These
large charging current spikes can couple into the analog section, degrading dynamic performance. Buffering the
digital data outputs may be necessary if the data bus capacitance exceeds 10 pF. Dynamic performance can
also be improved by adding 12
Ω to 27Ω series resistors at each digital output, reducing the energy coupled back
into the converter input pins.
Using an inadequate amplifier to drive the analog input. As explained in THE ANALOG INPUT, there are
voltage spikes at the ADC analog input. These voltage spikes can cause instability in a feedback type amplifier
used to drive the analog input. These spikes need not be filtered out, but should settle quickly. The amplifier
should be fast enough to handle the frequencies presented to it, but not so fast that it would readily oscillate. A
single-pole RC filter, as explained in THE ANALOG INPUT will help ensure amplifier stability and accurate data
capture.
Driving the VRT pin or the VRB pin with devices that can not source or sink the current required by the
ladder. As mentioned in REFERENCE INPUTS, care should be taken to see that any driving devices can source
sufficient current into the VRT pin and sink sufficient current from the VRB pin. If these pins are not driven with
devices than can handle the required current, these reference pins will not be stable, resulting in a reduction of
dynamic performance.
Using a clock source with excessive jitter, using an excessively long clock signal trace, or having other
signals coupled to the clock signal trace. This will cause the sampling interval to vary, causing excessive
output noise and a reduction in SNR performance. The use of simple gates with RC timing is generally
inadequate as a clock source.
Busing the data outputs. SNR performance of all ADCs, especially high speed ADCs, is sensitive to the
amount of capacitance at the data outputs because the currents required of the ADC data outputs to charge and
discharge these capacitances cause voltage spikes (noise) on the die. Minimizing the output capacitance will
help maintain noise performance of the converter. Busing the outputs adds undesired capacitive loading to the
ADC. Similarly, it is important to keep trace capacitance to a minimum by using short traces at the ADC outputs.
34
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: ADC08B200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com