Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08B200CIVS/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # ADC08B200CIVS/NOPB
Description  ADC08B200 / ADC08B200Q 8-Bit, 200 MSPS A/D Converter with Capture Buffer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08B200CIVS/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADC08B200CIVS/NOPB Datasheet HTML 20Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 21Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 22Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 23Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 24Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 25Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 26Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 27Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
1
2 S (C + 6 pF) fS
R =
ADC08B200
SNAS388F – MARCH 2007 – REVISED APRIL 2013
www.ti.com
where
•
fS is the converter sample rate
(4)
The added 6 pF in the formula above allows for the ADC input capacitance and a small board capacitance. For
undersampling applications, eliminate the capacitor and chose a pole frequency of about 2 to 3 times the
maximum input frequency, using the ADC input capacitance when the clock is high, plus trace capacitance, for
the filter capacitor. The optimum time constant for this circuit depends not only upon the amplifier and ADC, but
also upon the circuit layout and board material. The LMH6702 and the LMH6628 have been found to be good
amplifiers to drive the ADC08B200.
Figure 46 shows an example of an input circuit using the LMH6702 at the ADC08B200 input. The input amplifier
should incorporate some gain as most operational amplifiers exhibit better phase margin and transient response
with gains above 2 or 3 than with unity gain. If an overall gain of less than 3 is required, attenuate the input and
operate the amplifier at a higher gain, as indicated in Figure 46.
This will provide optimum SNR performance for Nyquist applications. Best THD performance is realized when the
capacitor and resistor values are both zero, but this would compromise SNR and SINAD performance. Generally,
the capacitor should not be added for undersampling applications.
The circuit of Figure 46 has both gain and offset adjustments. If you eliminate these adjustments normal circuit
tolerances may result in signal clipping unless care is exercised in the worst case analysis of component
tolerances and the input signal excursion is appropriately limited to account for the worst case conditions.
Full scale and offset adjustments may also be made by adjusting VRT and VRB, perhaps with the aid of a pair of a
DACs or a dual DAC. Of course, this circuit may be implemented without provision for offset and gain
adjustments, but component tolerances would require the planned use of less than the full dynamic range of the
ADC.
One advantage of having access to the bottom of the reference ladder (VRB) is that the voltage at the analog
input does not have to come to 0V to cause an output code of zero. If VRB is set high enough, the negative
supply on the amplifier driving the analog input may be at ground. How high VRB needs to be set to allow this will
depend upon the amplifier type and how close to its negative supply (or ground) the output can go while
maintaining linearity. This might be 100mV to 150mV for a rail-to-rail output amplifier or 1 Volt for other
amplifiers.
24
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: ADC08B200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com