Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08B200CIVS/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC08B200CIVS/NOPB
Description  ADC08B200 / ADC08B200Q 8-Bit, 200 MSPS A/D Converter with Capture Buffer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08B200CIVS/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  ADC08B200CIVS/NOPB Datasheet HTML 1Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 2Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 3Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 4Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 5Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 6Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
ADC08B200
www.ti.com
SNAS388F – MARCH 2007 – REVISED APRIL 2013
ADC08B200 / ADC08B200Q 8-Bit, 200 MSPS A/D Converter with Capture Buffer
Check for Samples: ADC08B200
1
FEATURES
DESCRIPTION
The ADC08B200 is a high speed analog-to-digital
2
•
Single-Ended Input
converter (ADC) with an integrated capture buffer.
•
Selectable Capture Buffer Size
The 8-bit, 200 MSPS A/D core is based upon the
•
PLL for Clock Multiplication
proven ADC08200 with integrated track-and-hold and
is optimized for low power consumption. This device
•
Reference Ladder Top and Bottom Accessible
contains a selectable size capture buffer of up to
•
Linear Power Scaling with Sample Rate
1,024 bytes that allows fast capture of an input signal
•
FPGA Training Pattern
with a slower readout rate. An on-chip clock PLL
circuit provides the option of on-chip clock rate
•
AEC-Q100 Grade 2 Qualified
multiplication to provide the high speed sampling
•
Power-Down Feature
clock.
The ADC08B200 is resistant to latch-up and the
APPLICATIONS
outputs are short-circuit proof. The top and bottom of
•
Laser Ranging
the ADC08B200's reference ladder are available for
•
RADAR
connections,
enabling
a
wide
range
of
input
possibilities. The digital outputs are TTL/CMOS
•
Pulse Capturing
compatible with a separate output power supply pin
to support interfacing with 2.7V to 3.3V logic. The
KEY SPECIFICATIONS
digital inputs and outputs are low voltage TTL/CMOS
(PLL Bypassed)
compatible and the output data format is straight
binary.
•
Resolution 8 Bits
•
Maximum Sampling Frequency 200 MSPS
The ADC08B200Q runs on an Automotive Grade
(min)
Flow and is AEC-Q100 Grade 2 Qualified.
•
DNL ±0.4 LSB (typ)
The ADC08B200 is offered in a 48-pin plastic
package (TQFP) and is specified over the extended
•
ENOB (fIN= 49 MHz) 7.2 bits (typ)
industrial temperature range of
−40°C to +105°C. An
•
THD (fIN= 49 MHz) −53 dBc (typ)
evaluation board is available to assist in the easy
•
Power Consumption
evaluation of the ADC08B200.
–
Operating (50 MHz) Input 2 mW / Msps (typ)
–
Power Down 2.15 mW (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC08B200CIVS/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC08B200CIVS/NOPB TI1-ADC08B200CIVS/NOPB Datasheet
828Kb / 39P
200 MSPS A/D Converter with Capture Buffer
More results

Similar Description - ADC08B200CIVS/NOPB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9054 AD-AD9054 Datasheet
303Kb / 20P
8-Bit, 200 MSPS A/D Converter
REV.0
AD9054A AD-AD9054A Datasheet
332Kb / 19P
8-Bit, 200 MSPS A/D Converter
REV.B
AD9732 AD-AD9732 Datasheet
144Kb / 11P
10-Bit, 200 MSPS D/A Converter
REV.A
logo
List of Unclassifed Man...
SPT7720 ETC-SPT7720 Datasheet
96Kb / 10P
8-BIT, 200 MSPS A/D CONVERTER
logo
National Semiconductor ...
ADC08B200 NSC-ADC08B200 Datasheet
596Kb / 30P
8-Bit, 200 MSPS A/D Converter with Capture Buffer
logo
Cadeka Microcircuits LL...
SPT7720 CADEKA-SPT7720 Datasheet
180Kb / 10P
8-BIT, 200 MSPS A/D CONVERTER
logo
National Semiconductor ...
ADC08B200 NSC-ADC08B200_1 Datasheet
657Kb / 32P
8-Bit, 200 MSPS A/D Converter with Capture Buffer
logo
Analog Devices
AD9054A AD-AD9054A_15 Datasheet
331Kb / 20P
8-Bit, 200 MSPS A/D Converter
REV. D
logo
Texas Instruments
ADC08200 TI1-ADC08200 Datasheet
1Mb / 27P
8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
ADC08B200 TI1-ADC08B200 Datasheet
828Kb / 39P
200 MSPS A/D Converter with Capture Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com