Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08B200CIVS/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC08B200CIVS/NOPB
Description  ADC08B200 / ADC08B200Q 8-Bit, 200 MSPS A/D Converter with Capture Buffer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08B200CIVS/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  ADC08B200CIVS/NOPB Datasheet HTML 1Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 2Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 3Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 4Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 5Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 6Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
VD
GND
VD
GND
VD
GND
50k
ADC08B200
SNAS388F – MARCH 2007 – REVISED APRIL 2013
www.ti.com
Pin No.
Symbol
Equivalent Circuit
Description
Output Edge Select or Test Mode Enable input. If this input is
high, the data outputs transition with the rising edge of the
14
OEDGE/TEN
DRDY output. If this input is low, the data outputs transition
with the falling edge of the DRDY output. Forcing a potential
of VA/2 at this input enables the Test Mode.
Synchronized WEN output. The WEN control input is
18
WENSYNC
synchronized on-chip with the internal sample clock and is
provided at this output.
Data Ready output. This signal transitions with the transition of
31
DRDY
the digital data outputs and indicates that the output data is
ready.
26 thru 29
and
D0–D7
Digital data digital Outputs. D0 is the LSB, D7 is the MSB.
33 thru 36
Buffer Full Flag. This output is high when the capture buffer is
16
FF
full.
Buffer Empty Flag. This output is high when the capture buffer
15
EF
is empty.
Auto-Stop Write input. This pin has a dual function. With the
buffer enabled, this pin acts as the ASW input. When this
input is high, writing to the buffer is halted when the capture
25
ASW
buffer is full (FF high). When the buffer is disabled, this pin is
ignored. When the device is in Test Mode, this pin acts as the
Output Edge Select signal, functioning in accordance with the
description of the OEDGE/TEN pin.
Buffer Size input. These inputs determine the size of the
23,24
BSIZE(1:0)
buffer, as described in the Functional Description.
Clock Multiply Factor input. These inputs determine the
38, 39
MULT(1:0)
internal clock PLL's multiplication factor.
Positive analog supply pin. Connect to a voltage source of
1, 4, 12
VA
+3.3V.
43, 44, 48
VP
PLL supply pin. Connect to a voltage source of +3.3V.
40
VD
Digital core supply pin. Connect to a voltage source of +3.3V.
Power supply for the output drivers. Connect to a voltage
32
VDR
source of 2.7V to VD.
2, 5, 8, 11, 21,
GND
The ground return for the chip core.
42, 45, 47
7
SIG GND
Analog input signal ground.
30
DR GND
The ground return for the output drivers.
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: ADC08B200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com