Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIX4192 Datasheet(PDF) 53 Page - Texas Instruments

Part # DIX4192
Description  DIX4192-Q1 Integrated Digital Audio Interface Receiver and Transmitter
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192 Datasheet(HTML) 53 Page - Texas Instruments

Back Button DIX4192 Datasheet HTML 49Page - Texas Instruments DIX4192 Datasheet HTML 50Page - Texas Instruments DIX4192 Datasheet HTML 51Page - Texas Instruments DIX4192 Datasheet HTML 52Page - Texas Instruments DIX4192 Datasheet HTML 53Page - Texas Instruments DIX4192 Datasheet HTML 54Page - Texas Instruments DIX4192 Datasheet HTML 55Page - Texas Instruments DIX4192 Datasheet HTML 56Page - Texas Instruments DIX4192 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
0.1 F
µ
10 F
µ
0.1 F
µ
10 F
µ
0.1 µF
9
10
30
33
42
43
44
10 F
µ
R
+
+
+
+
Connect pin 44 to pin 10.
Pin 10 is then connected to
the ground plane.
3.3 V
0.1 F
µ
0.01 F
µ
2.2 F
µ
TPS79318DBVR
TI Device
Optional Regulator Circuit
17
16
R may be set from 2
t
ced by a ferrite bead.
o 10
,
or repla
C may be set to 10 F
d when using
the opt onal r
,
or not installe
i
egulator circuit.
µ
1
5
3
4
2
IN
EN
OUT
NR
GND
1.8 V
C
0.1 F
µ
Copyright © 2017, Texas Instruments Incorporated
3.3 V
53
DIX4192-Q1
www.ti.com
SBFS041A – JULY 2016 – REVISED APRIL 2017
Product Folder Links: DIX4192-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Application Information (continued)
Figure 71. Recommended Power-Supply Connections
10.1.1 Digital Audio Transformer Vendors
Transformers are shown in this data sheet for both receiver and transmitter balanced and unbalanced line
interface implementations. For the Texas Instruments Pro Audio evaluation modules, transformers from Scientific
Conversion are used. In addition to Scientific Conversion, there are other vendors that offer transformer products
for digital audio interface applications. Please refer to the following manufacturer websites for details regarding
their products and services. Other transformer vendors may also be available by searching catalog and/or
Internet resources.
•
Scientific Conversion: http://scientificonversion.com
•
Schott Corporation: http://schottcorp.com
•
Pulse Engineering: http://pulseeng.com
10.1.2 Receiver Input Interfacing
This section details the recommended interfaces for the DIX4192-Q1 line receiver inputs. Balanced and
unbalanced line interfaces, in addition to optical receiver and external logic interfacing, are discussed.
For professional digital audio interfaces, 110-
Ω balanced line interfaces are either required or preferred.
Transformer coupling is commonly employed to provide isolation and to improve common-mode noise rejection.
Figure 72 shows the recommended transformer-coupled balanced line receiver interface for the DIX4192-Q1.
The transformer is specified for a 1:1 turn ratio, and must exhibit low inter-winding capacitance for best
performance. Due to the DC bias on the line receiver inputs, 0.1-μF capacitors are used for AC-coupling the
transformer to the line receiver inputs. On the line side of the transformer, an optional 0.1-μF capacitor is shown
for cases where a DC bias may be applied at the transmitter side of the connection. The coupling capacitors
must be surface-mount ceramic chip type with an X7R or C0G dielectric.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com