Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET8501PRGTR.A Datasheet(PDF) 3 Page - Texas Instruments

Part # ONET8501PRGTR.A
Description  11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ONET8501PRGTR.A Datasheet(HTML) 3 Page - Texas Instruments

  ONET8501PRGTR.A Datasheet HTML 1Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 2Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 3Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 4Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 5Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 6Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 7Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 8Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
www.ti.com
PACKAGE
+
GND
DIN
DIN -
GND
DOUT +
VCC
DOUT -
VCC
2
1
3
4
11
12
10
9
6
5
7
8
15
16
14
13
ONET
8501P
16 PinQFN
ONET8501P
SLLS885 – FEBRUARY 2008
The ONET8501P is available in a small footprint 3 mm
× 3 mm 16-pin RoHS compliant QFN package with a lead
pitch of 0,5 mm. The pin out is shown in Figure 2.
Figure 2. Pinout of ONET8501P in a 3mm
× 3mm 16-Pin QFN package (top view)
PIN DESCRIPTION
NO.
NAME
TYPE
DESCRIPTION
1,4, EP
GND
Supply
Circuit ground. Exposed die pad (EP) must be grounded.
2
DIN
+
Analog-input
Non-inverted data input. Differentially 100
Ω terminated to DIN–.
3
DIN–
Analog-input
Inverted data input. Differentially 100
Ω terminated to DIN+.
5
COC1
Analog
Offset cancellation filter capacitor plus terminal. An external capacitor can be connected
between this pin and COC2 to reduce the low frequency cutoff. To disable the offset
cancellation loop, connect COC1 and COC2 together.
6
COC2
Analog
Offset cancellation filter capacitor minus terminal. An external capacitor can be connected
between this pin and COC1 to reduce the low frequency cutoff. To disable the offset
cancellation loop, connect COC1 and COC2 together.
7
DIS
Digital-input
Disables the output stage when set to a high level.
8
LOS
Open drain MOS
High level indicates that the input signal amplitude is below the programmed threshold
level. Open drain output. Requires an external 10-k
Ω pull-up resistor to VCC for proper
operation.
9, 12
VCC
Supply
3.3-V ± 10% supply voltage.
10
DOUT–
CML-out
Inverted data output. On-chip 50
Ω back-terminated to VCC.
11
DOUT+
CML-out
Non-inverted data output. On-chip 50
Ω back-terminated to VCC.
13
RATE1
Digital-input
Bandwidth selection for noise suppression.
14
RATE0
Digital-input
Bandwidth selection for noise suppression.
15
SCK
Digital-input
Serial interface clock input. Connect a pull-up resistor (10 k
Ω typical) to VCC.
16
SDA
Digital-input
Serial interface data input. Connect a pull-up resistor (10 k
Ω typical) to VCC.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :ONET8501P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com