Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET8501PRGTR.A Datasheet(PDF) 6 Page - Texas Instruments

Part # ONET8501PRGTR.A
Description  11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ONET8501PRGTR.A Datasheet(HTML) 6 Page - Texas Instruments

Back Button ONET8501PRGTR.A Datasheet HTML 2Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 3Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 4Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 5Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 6Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 7Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 8Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 9Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
www.ti.com
DETAILED DESCRIPTION
HIGH-SPEED DATA PATH
BANDGAP VOLTAGE AND BIAS GENERATION
HIGH-SPEED OUTPUT BUFFER
RATE SELECT
ONET8501P
SLLS885 – FEBRUARY 2008
AC ELECTRICAL CHARACTERISTICS (continued)
Over recommended operating conditions, outputs connected to a 50-
Ω load, AMP1 = 0, AMP0 = 1 (Register 3) and maximum
bandwidth unless otherwise noted. Typical operating condition is at VCC = 3.3 V and TA = +25°C
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
TDIS
Disable response time
20
ns
The high-speed data signal is applied to the data path by means of input signal pins DIN+/DIN–. The data path
consists of a 100-
Ω differential on-chip line termination resistor followed by a digitally controlled bandwidth switch
input buffer for rate select. The RATE1 and RATE0 pins can be used to control the bandwidth of the filter.
Default bandwidth settings are used; however, these can be changed using registers 4 through 7 via the serial
interface. For details regarding the rate selection, see Table 19. A gain stage and an output buffer stage follow
the input buffer, which together provide a gain of 40dB. The device can accept input amplitude levels from 5
mVpp up to 2000 mVpp. The amplified data output signal is available at the output pins DOUT+/DOUT– which
include on-chip 2
× 50-Ω back-termination to VCC.
Offset cancellation compensates for internal offset voltages and thus ensures proper operation even for very
small input data signals. The offset cancellation can be disabled so that the input threshold voltage can be
adjusted to optimize the bit error rate or change the eye crossing to compensate for input signal pulse width
distortion. The offset cancellation can be disabled by setting OCDIS = 1 (bit 1 of register 0). The input threshold
level can be adjusted using register settings THADJ[0..7] (register 1). For details regarding input threshold adjust,
see Table 19.
The low frequency cutoff is as low as 80 kHz with the built-in filter capacitor. For applications, which require even
lower cutoff frequencies, an additional external filter capacitor may be connected to the COC1 and COC2 pins. A
value of 330 pF results in a low frequency cutoff of 20 kHz.
The ONET8501P limiting amplifier is supplied by a single +3.3-V supply voltage connected to the VCC pins. This
voltage is referred to ground (GND).
On-chip bandgap voltage circuitry generates a reference voltage, independent of supply voltage, from which all
other internally required voltages and bias currents are derived.
The output amplitude of the buffer can be set to 300 mVpp, 600 mVpp or 900 mVpp using register settings
AMP[0..1] (register 3) via the serial interface. To compensate for frequency dependant losses of transmission
lines connected to the output, the ONET8501P has adjustable pre-emphasis of the output stage. The
pre-emphasis can be set from 0 to 8 dB in 1 dB steps using register settings PEADJ[0..3] (register 2).
There are 16 possible internal filter settings (4 bit) to adjust the small signal bandwidth to the data rate. For fast
rate selection, 4 default values can be selected with the RATE1 and RATE0 pins. Using the serial interface, the
bandwidth settings can be customized instead of using the default values. The default bandwidths and the
registers used to change the bandwidth settings are shown in Table 1.
Table 1. Rate Selection Default Settings and Registers Used for Adjustment
RATE1
RATE0
DEFAULT BANDWIDTH
REGISTER USED FOR ADJUSTMENT
(GHz)
0
0
2.2
RSA (Register 4)
0
1
4.0
RSB (Register 5)
1
1
6.5
RSC (Register 6)
1
0
11.0
RSD (Register 7)
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :ONET8501P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com