Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET8501PRGTR.A Datasheet(PDF) 9 Page - Texas Instruments

Part # ONET8501PRGTR.A
Description  11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ONET8501PRGTR.A Datasheet(HTML) 9 Page - Texas Instruments

Back Button ONET8501PRGTR.A Datasheet HTML 5Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 6Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 7Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 8Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 9Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 10Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 11Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 12Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
www.ti.com
P
S
S
P
SDA
SCK
t
BUF
t
LOW
t
SUSTA
t
HIGH
t
HDSTA
t
r
t
HDSTA
t
HDSTA
t
SUDAT
t
SUSTO
t
f
T0295-01
S
SDA
SCK
P
1–7
1–7
1–7
SLAVE
ADDRESS
R/W
ACK
8
9
8
9
REGISTER
ADDRESS
ACK
8
9
ACK
REGISTER
FUNCTION
T0296-01
REGISTER MAPPING
ONET8501P
SLLS885 – FEBRUARY 2008
Figure 3. I2C Timing Diagram
Table 4. Timing Diagram Definitions
PARAMETER
MIN
MAX
UNIT
fSCK
SCK clock frequency
400
kHz
tBUF
Bus free time between START and STOP conditions
1.3
µs
tHDSTA
Hold time after repeated START condition. After this period, the first clock pulse is generated
0.6
µs
tLOW
Low period of the SCK clock
1.3
µs
tHIGH
High period of the SCK clock
0.6
µs
tSUSTA
Setup time for a repeated START condition
0.6
µs
tHDDAT
Data HOLD time
0
µs
tSUDAT
Data setup time
100
ns
tR
Rise time of both SDA and SCK signals
300
ns
tF
Fall time of both SDA and SCK signals
300
ns
tSUSTO
Setup time for STOP condition
0.6
µs
Figure 4. I2C Data Transfer
The register mapping for read/write register addresses 0 (0x00) through 11 (0x0B) are shown in Table 5 through
Table 16. The register mapping for the read only register addresses 14 (0x0E) and 15 (0x0F) are shown in
Table 17 and Table 18.
Table 19 describes the circuit functionality based on the register settings.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :ONET8501P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com