Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET8501PRGTR.A Datasheet(PDF) 5 Page - Texas Instruments

Part # ONET8501PRGTR.A
Description  11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ONET8501PRGTR.A Datasheet(HTML) 5 Page - Texas Instruments

  ONET8501PRGTR.A Datasheet HTML 1Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 2Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 3Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 4Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 5Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 6Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 7Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 8Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
www.ti.com
AC ELECTRICAL CHARACTERISTICS
ONET8501P
SLLS885 – FEBRUARY 2008
Over recommended operating conditions, outputs connected to a 50-
Ω load, AMP1 = 0, AMP0 = 1 (Register 3) and maximum
bandwidth unless otherwise noted. Typical operating condition is at VCC = 3.3 V and TA = +25°C
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
f3dB-H
High frequency -3dB bandwidth
8.5
12.0
GHz
f3dB-H
–3dB bandwidth default settings
RATE1 = 1, RATE0 = 0
11.0
GHz
RATE1 = 1, RATE0 = 1
6.5
RATE1 = 0, RATE0 = 1
4.0
RATE1 = 0, RATE0 = 0
2.2
f3dB-L
Low frequency –3dB bandwidth
With 330-pF COC capacitor
20
45
kHz
vIN,MIN
Data input sensitivity
6
9
mVpp
K28.5 pattern at 11.3 Gbps, BER < 10–12
VOD-min
≥ 0.95 * VOD (output limited)
8
20
5.5
K28.5 pattern at 8.5 Gbps, BER < 10–12, RATE1 = 1, RATE0 = 0
5
K28.5 pattern at 4.25 Gbps, BER < 10–12, RATE1 = 1, RATE0 = 1
5
K28.5 pattern at 2.125 Gbps, BER < 10–12, RATE1 = 0, RATE0 = 1
SDD11
Differential input return gain
0.01 GHz < f < 3.9 GHz
-16
dB
3.9 GHz < f < 12.1 GHz
See (1)
SDD22
Differential output return gain
0.01 GHz < f < 3.9 GHz
–16
dB
3.9 GHz < f < 12.1 GHz
See(1)
SCD11
Differential to common mode
0.01 GHz < f < 12.1 GHz
–40
dB
conversion gain
SCC22
Common mode output return gain
0.01 GHz < f < 7.5 GHz
–13
dB
7.5 GHz < f < 12.1 GHz
–9
A
Small signal gain
35
40
dB
vIN,MAX
Data input overload
2000
mVpp
DJ
Deterministic jitter at 11.3 Gbps
vIN = 5 mVpp, K28.5 pattern
5
10
pspp
vIN = 20 mVpp, K28.5 pattern
4
10
vIN = 2000 mVpp, K28.5 pattern
5
15
Deterministic jitter at 8.5 Gbps
vIN = 20 mVpp, K28.5 pattern, RATE1 = 1, RATE0 = 0
5
pspp
Deterministic jitter at 4.25 Gbps
vIN = 20 mVpp, K28.5 pattern, RATE1 = 1, RATE0 = 1
6
pspp
Deterministic jitter at 2.125 Gbps
vIN = 20 mVpp, K28.5 pattern, RATE1 = 0, RATE0 = 1
10
pspp
RJ
Random jitter
vIN = 20 mVpp
1
psrms
VOD
Differential data output voltage
vIN > 20 mVpp, DIS = 0, AMP1 = 0, AMP0 = 0
250
300
350
mVpp
vIN > 20 mVpp, DIS = 0, AMP1 = 0, AMP0 = 1
500
600
700
vIN > 20 mVpp, DIS = 0, AMP1 = 1, AMP0 = 1
700
900
1100
DIS = 1
5
mVrms
VPREEM
Output pre-emphasis step size
1
dB
tR
Output rise time
20% to 80%, vIN > 20mVpp
25
35
ps
tF
Output fall time
20% to 80%, vIN > 20mVpp
25
35
ps
VTH
LOW LOS assert threshold range
K28.5 pattern at 11.3 Gbps, LOSRNG = 0
15
mVpp
min
LOW LOS assert threshold range
K28.5 pattern at 11.3 Gbps, LOSRNG = 0
35
max
VTH
HIGH LOS assert threshold range
K28.5 pattern at 11.3 Gbps, LOSRNG = 1
35
mVpp
min
HIGH LOS assert threshold range
K28.5 pattern at 11.3 Gbps, LOSRNG = 1
80
max
LOS threshold variation
Versus temperature at 11.3 Gbps
1.5
dB
Versus supply voltage VCC at 11.3 Gbps
1
dB
Versus data rate
1.5
dB
LOS hysteresis (electrical)
K28.5 pattern at 11.3 Gbps
2
4
6
dB
TLOS_AST
LOS assert time
2.5
10
80
us
TLOS_DEA
LOS deassert time
2.5
10
80
us
(1)
Differential return gain given by SDD11, SDD22 = –11.6 + 13.33 log10(f/8.25), f expressed in GHz.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :ONET8501P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com