Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET8501PRGTR.A Datasheet(PDF) 8 Page - Texas Instruments

Part # ONET8501PRGTR.A
Description  11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ONET8501PRGTR.A Datasheet(HTML) 8 Page - Texas Instruments

Back Button ONET8501PRGTR.A Datasheet HTML 4Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 5Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 6Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 7Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 8Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 9Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 10Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 11Page - Texas Instruments ONET8501PRGTR.A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
www.ti.com
2-WIRE INTERFACE AND CONTROL LOGIC
ONET8501P
SLLS885 – FEBRUARY 2008
If the LOS register selection bit is set LOW, for example LOSASEL = 0 (bit 7, register 8), then the default LOS
assert level for that register is used. If the register selection bit is set HIGH, for example LOSASEL = 1 (bit 7,
register 8), then the content of LOSA[0..6] (register 8) is used to set the LOS assert level when RATE1 = 0 and
RATE0 = 0. The RATE1 and RATE0 pins do not have to be used if the serial interface is being used. If RATE1 is
not connected it is internally pulled HIGH and if RATE0 is not connected it is internally pulled LOW, thus
selecting register 11. Therefore, changing the contents of LOSD[0..6] (register 11) through the serial interface
can be used to adjust the LOS assert level.
The ONET8501P uses a 2-wire serial interface for digital control. The two circuit inputs, SDA and SCK, are
driven, respectively, by the serial data and serial clock from a microcontroller, for example. Both inputs include
100-k
Ω pull-up resistors to VCC. For driving these inputs, an open drain output is recommended.
The 2-wire interface allows write access to the internal memory map to modify control registers and read access
to read out control and status signals. The ONET8501P is a slave device only which means that it can not initiate
a transmission itself; it always relies on the availability of the SCK signal for the duration of the transmission. The
master device provides the clock signal as well as the START and STOP commands. The protocol for a data
transmission is as follows:
1. START command
2. 7-bit slave address (1000100) followed by an eighth bit which is the data direction bit (R/W). A zero indicates
a WRITE and a 1 indicates a READ.
3. 8-bit register address
4. 8-bit register data word
5. STOP command
Regarding timing, the ONET8501P is I2C compatible. The typical timing is shown in Figure 3 and a complete
data transfer is shown in Figure 4. Parameters for Figure 3 are defined in Table 4.
Bus Idle: Both SDA and SCK lines remain HIGH
Start Data Transfer: A change in the state of the SDA line, from HIGH to LOW, while the SCK line is HIGH,
defines a START condition (S). Each data transfer begins with a START condition.
Stop Data Transfer: A change in the state of the SDA line from LOW to HIGH while the SCK line is HIGH
defines a STOP condition (P). Each data transfer ends with a STOP condition; however, if the master still wishes
to communicate on the bus, it can generate a repeated START condition and address another slave without first
generating a STOP condition.
Data Transfer: Only one data byte can be transferred between a START and a STOP condition. The receiver
acknowledges the transfer of data.
Acknowledge: Each receiving device, when addressed, is obliged to generate an acknowledgment bit. The
transmitter releases the SDA line and a device that acknowledges, must pull down the SDA line during the
acknowledge clock pulse simultaneously so the SDA line is stable LOW during the HIGH period of the
acknowledge clock pulse. Set-up and hold times must be taken into account. When a slave-receiver fails to
acknowledge the slave address, the data line must be left HIGH by the slave. The master can generate a STOP
condition to prevent the transfer. If the slave-receiver does acknowledge the slave address but some time later in
the transfer cannot receive any more data bytes, the master must cancel the transfer. This is indicated by the
slave generating the not acknowledge on the first following byte. The slave leaves the data line HIGH and the
master generates the STOP condition.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :ONET8501P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com