Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV73333PDBVR.A Datasheet(PDF) 16 Page - Texas Instruments

Part # TLV73333PDBVR.A
Description  TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator in 1-mm × 1-mm X2SON Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV73333PDBVR.A Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV73333PDBVR.A Datasheet HTML 12Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 13Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 14Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 15Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 16Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 17Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 18Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 19Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Output Load Transient Slew Rate (A/Ps)
0.01
0.1
1
0
5
10
15
20
25
30
35
D027
1-PF COUT
COUT Removed
16
TLV733P
SBVS235C – OCTOBER 2014 – REVISED JULY 2019
www.ti.com
Product Folder Links: TLV733P
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 Input and Output Capacitor Selection
The TLV733 uses an advanced internal control loop to obtain stable operation both with and without the use of
input or output capacitors. Dynamic performance is improved with the use of an output capacitor, and may be
improved with an input capacitor. An output capacitance of 0.1 μF or larger generally provides good dynamic
response. Use X5R- and X7R-type ceramic capacitors because these capacitors have minimal variation in value
and equivalent series resistance (ESR) over temperature.
Although an input capacitor is not required for stability, increased output impedance from the input supply may
compromise the performance of the TLV733. Good analog design practice is to connect a 0.1-µF to 1-µF
capacitor from IN to GND. This capacitor counteracts reactive input sources and improves transient response,
input ripple, and PSRR. Use an input capacitor if the source impedance is greater than 0.5 Ω. Use a higher-value
capacitor if large, fast, rise-time load transients are anticipated, or if the device is located several inches from the
input power source.
Figure 33 shows the transient performance improvements with an external 1-µF capacitor on the output versus
no output capacitor. The data in this figure are taken with an increasing load step from 50 mA to 300 mA, and the
peak output voltage deviation (load transient response) is measured. For low output current slew rates,
(< 0.1 A/µs), the transient performance of the device is similar with or without an output capacitor. As the current
slew rate is increased, the peak voltage deviation is significantly increased. For loads that exhibit fast current
slew rates above 0.1 A/µs, use an output capacitor. For best performance, the maximum recommended output
capacitance is 100 µF.
TLV73333PDBV, output current stepped from 50 mA to 300 mA, output voltage change measured at positive dI/dt
Figure 33. Output Voltage Deviation vs Load Step Slew Rate
Some applications benefit from the removal of the output capacitor. In addition to space and cost savings, the
removal of the output capacitor lowers inrush current as a result of eliminating the required current flow into the
output capacitor upon startup. In these cases, take care to ensure that the load is tolerant of the additional output
voltage deviations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com