Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV73333PDBVR.A Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV73333PDBVR.A
Description  TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator in 1-mm × 1-mm X2SON Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV73333PDBVR.A Datasheet(HTML) 4 Page - Texas Instruments

  TLV73333PDBVR.A Datasheet HTML 1Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 2Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 3Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 4Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 5Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 6Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 7Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 8Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
OUT
GND
IN
EN
1
2
4
3
1
2
3
5
4
OUT
NC
IN
GND
EN
4
TLV733P
SBVS235C – OCTOBER 2014 – REVISED JULY 2019
www.ti.com
Product Folder Links: TLV733P
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
Top View
DQN Package
4-Pin 1-mm × 1-mm X2SON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
DQN
DBV
EN
3
3
I
Enable pin. Drive EN greater than VEN(HI) to turn on the regulator.
Drive EN less than VEN(LO) to put the LDO into shutdown mode.
GND
2
2
—
Ground pin
IN
4
1
I
Input pin. A small capacitor is recommended from this pin to ground.
See the Input and Output Capacitor Selection section for more details.
NC
N/A
4
—
No internal connection
OUT
1
5
O
Regulated output voltage pin. For best transient response, use a small 1-μF
ceramic capacitor from this pin to ground.
See the Input and Output Capacitor Selection section for more details.
Thermal pad
—
—
The thermal pad is electrically connected to the GND node.
Connect to the GND plane for improved thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com