Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV73333PDBVR.A Datasheet(PDF) 17 Page - Texas Instruments

Part # TLV73333PDBVR.A
Description  TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator in 1-mm × 1-mm X2SON Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV73333PDBVR.A Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV73333PDBVR.A Datasheet HTML 13Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 14Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 15Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 16Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 17Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 18Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 19Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 20Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
Power Dissipation (W)
0
0.03 0.06 0.09 0.12 0.15 0.18 0.21 0.24 0.27
0.3
55
60
65
70
75
80
85
90
95
100
105
110
115
120
125
D028
TLV733 DQN, High-K Layout
TLV733 DBV, High-K Layout
17
TLV733P
www.ti.com
SBVS235C – OCTOBER 2014 – REVISED JULY 2019
Product Folder Links: TLV733P
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
Application Information (continued)
8.1.2 Dropout Voltage
The TLV733 uses a PMOS pass transistor to achieve low dropout. When (VIN – VOUT) is less than the dropout
voltage (VDO), the PMOS pass device is in the linear region of operation and the input-to-output resistance is the
RDS(ON) of the PMOS pass element. VDO scales approximately with output current because the PMOS device
behaves like a resistor in dropout mode. As with any linear regulator, PSRR and transient response degrade as
(VIN – VOUT) approaches dropout operation. See Figure 7 to Figure 12 for typical dropout values.
8.1.3 Power Dissipation
The ability to remove heat from the die is different for each package type, presenting different considerations in
the printed circuit board (PCB) layout. The PCB area around the device that is free of other components moves
the heat from the device to ambient air. Performance data for JEDEC high-K boards are given in the Thermal
Information table. Using heavier copper increases the effectiveness in removing heat from the device. The
addition of plated through-holes to heat-dissipating layers also improves heatsink effectiveness.
Power dissipation (PD) depends on input voltage and load conditions. PD is equal to the product of the output
current and voltage drop across the output pass element, as shown in Equation 2.
PD = (VIN – VOUT) × IOUT
(2)
Figure 34 shows the maximum ambient temperature versus the power dissipation of the TLV733 in the DQN and
DBV packages. This figure assumes the device is soldered on JEDEC standard high-K layout with no airflow
over the board. Actual board thermal impedances vary widely. If the application requires high power dissipation,
having a thorough understanding of the board temperature and thermal impedances is helpful to make sure the
TLV733 does not operate continuously above a junction temperature of 125°C.
TLV733, high-K layout
Figure 34. Maximum Ambient Temperature vs Device Power Dissipation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com