Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV73333PDBVR.A Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV73333PDBVR.A
Description  TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator in 1-mm × 1-mm X2SON Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV73333PDBVR.A Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV73333PDBVR.A Datasheet HTML 7Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 8Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 9Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 10Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 11Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 12Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 13Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 14Page - Texas Instruments TLV73333PDBVR.A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
VOUT (1 V/div)
Time (100 µs/div)
VIN (1 V/div)
ILOAD (200 mA/div)
Time (100 µs/div)
VOUT (500 mV/div)
VEN (500 mV/div)
Time (50 µs/div)
VOUT (100 mV/div,
AC coupled)
ILOAD (200 mA/div)
ILOAD (100 mA/div)
VOUT (100 mV/div,
AC Coupled)
Time (20 µs/div)
ILOAD (100 mA/div)
VOUT (200 mV/div,
AC Coupled)
Time (20 µs/div)
ILOAD (100 mA/div)
VOUT (200 mV/div,
AC Coupled)
Time (20 µs/div)
11
TLV733P
www.ti.com
SBVS235C – OCTOBER 2014 – REVISED JULY 2019
Product Folder Links: TLV733P
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(nom) + 0.5 V or 2.0 V (whichever is greater), IOUT = 1 mA,
VEN = VIN, and CIN = COUT = 1 µF (unless otherwise noted)
TLV73310PDBV, VIN = 2.0 V, 1-µF output capacitor, output
current slew rate = 0.25 A/µs
Figure 25. 1.0-V, 50-mA to 300-mA Load Transient
TLV73310PDBV, VIN = 2.0 V, no output capacitor, output current
slew rate = 0.25 A/µs
Figure 26. 1.0 V, 50-mA to 300-mA Load Transient
TLV73333PDBV, VIN = 3.8 V,1-µF output capacitor, output current
slew rate = 0.25 A/µs
Figure 27. 3.3 V, 50-mA to 300-mA Load Transient
TLV73333PDBV, VIN = 3.8 V, no output capacitor, output current
slew rate = 0.25 A/µs
Figure 28. 3.3 V, 50-mA to 300-mA Load Transient
TLV73318PDBV, RL = 6.2 Ω, VEN = VIN, 1-µF output capacitor
Figure 29. VIN Power-Up and Power-Down
TLV73318PDBV, RL = 6.2 Ω, 1-µF output capacitor
Figure 30. Startup with EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com