Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54316MPWPREP Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS54316MPWPREP
Description  3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT™)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54316MPWPREP Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS54316MPWPREP Datasheet HTML 10Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 11Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 12Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 13Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 14Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 15Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 16Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 17Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
TPS54311MPWPREP
Active
Production
HTSSOP (PWP) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-55 to 125
TPS54311
TPS54311MPWPREP.A
Active
Production
HTSSOP (PWP) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-55 to 125
TPS54311
TPS54312MPWPREP
Active
Production
HTSSOP (PWP) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-55 to 125
TPS54312
TPS54312MPWPREP.A
Active
Production
HTSSOP (PWP) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-55 to 125
TPS54312
TPS54313MPWPREP
Active
Production
HTSSOP (PWP) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-55 to 125
TPS54313
TPS54313MPWPREP.A
Active
Production
HTSSOP (PWP) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-55 to 125
TPS54313
TPS54314MPWPREP
Active
Production
HTSSOP (PWP) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-55 to 125
TPS54314
TPS54314MPWPREP.A
Active
Production
HTSSOP (PWP) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-55 to 125
TPS54314
TPS54315MPWPREP
Active
Production
HTSSOP (PWP) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-55 to 125
TPS54315
TPS54315MPWPREP.A
Active
Production
HTSSOP (PWP) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-55 to 125
TPS54315
TPS54316MPWPREP
Active
Production
HTSSOP (PWP) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-55 to 125
TPS54316
TPS54316MPWPREP.A
Active
Production
HTSSOP (PWP) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-55 to 125
TPS54316
V62/06657-01XE
Active
Production
HTSSOP (PWP) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-55 to 125
TPS54311
V62/06657-02XE
Active
Production
HTSSOP (PWP) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-55 to 125
TPS54312
V62/06657-03XE
Active
Production
HTSSOP (PWP) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-55 to 125
TPS54313
V62/06657-04XE
Active
Production
HTSSOP (PWP) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-55 to 125
TPS54314
V62/06657-05XE
Active
Production
HTSSOP (PWP) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-55 to 125
TPS54315
V62/06657-06XE
Active
Production
HTSSOP (PWP) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-55 to 125
TPS54316
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com