Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54316MPWPREP Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS54316MPWPREP
Description  3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT™)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54316MPWPREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54316MPWPREP Datasheet HTML 4Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 5Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 6Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 7Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 8Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 9Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 10Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 11Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
www.ti.com
APPLICATION INFORMATION
C2
RT
SS/ENA
VBIAS
PWRGD
VSENSE
1
2
3
4
5
6
7
9
VIN
PH
BOOT
PGND
PGND
PGND
PwrPAD
U1
TPS54312PWP
1
2
VO
GND
J3
C7
0.047
µF
R1
10 k
Ω
C11
1000 pF
1
J1
2
1
VI
GND
+
1
Optional
71.5 k
Ω
L1
5.2
µH
R7
8
10
11
12
13
14
15
16
17
18
19
20
AGND
NC
PH
PH
PH
PH
FSEL
VIN
VIN
C8
10
µF
C3
0.1
µF
+
C9
470
µF
4 V
PWRGD
INPUT VOLTAGE
FEEDBACK CIRCUIT
OPERATING FREQUENCY
R +
500 kHz
Switching Frequency
100 kW
(1)
OUTPUT FILTER
TPS54311-EP, TPS54312-EP,
TPS54313-EP, TPS54314-EP,
TPS54315-EP, TPS54316-EP
SGLS376A – FEBRUARY 2007 – REVISED MARCH 2007
Figure 10 shows the schematic diagram for a typical TPS54314 application. The TPS54314 (U1) can provide up
to 3 A of output current at a nominal output voltage of 1.8 V. For proper thermal performance, the PowerPAD
underneath the TPS54314 integrated circuit needs to be soldered to the printed circuit board.
Figure 10. TPS54314 Schematic
The input to the circuit is a nominal 5 VDC, applied at J1. The optional input filter (C2) is a 220-
µF POSCAP
capacitor, with a maximum allowable ripple current of 3 A. C8 is the decoupling capacitor for the TPS54314 and
must be located as close to the device as possible.
The output voltage of the converter is fed directly into the VSENSE pin of the TPS54314. The TPS54314 is
internally compensated to provide stability of the output under varying line and load conditions.
In the application circuit, a 700 kHz operating frequency is selected by leaving FSEL open and connecting a
71.5 k
Ω resistor between the RT pin and AGND. Different operating frequencies may be selected by varying the
value of R3 using equation 1:
Alternately, preset operating frequencies of 350 kHz or 550 kHz my be selected by leaving RT open and
connecting the FSEL pin to AGND or VIN, respectively.
The output filter is composed of a 5.2-
µH inductor and 470-µF capacitor. The inductor is a low dc resistance
(16-m
Ω) type, Sumida CDRH104R-5R2. The capacitor used is a 4-V POSCAP with a maximum ESR of 40 mΩ.
The output filter components work with the internal compensation network to provide a stable closed loop
response for the converter.
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com