Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54316MPWPREP Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS54316MPWPREP
Description  3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT™)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54316MPWPREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS54316MPWPREP Datasheet HTML 9Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 10Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 11Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 12Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 13Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 14Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 15Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 16Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
www.ti.com
Dead-Time Control and MOSFET Drivers
Overcurrent Protection
Thermal Shutdown
Power Good (PWRGD)
TPS54311-EP, TPS54312-EP,
TPS54313-EP, TPS54314-EP,
TPS54315-EP, TPS54316-EP
SGLS376A – FEBRUARY 2007 – REVISED MARCH 2007
Adaptive dead-time control prevents shoot-through current from flowing in both N-channel power MOSFETs
during the switching transitions by actively controlling the turn-on times of the MOSFET drivers. The high-side
driver does not turn on until the gate drive voltage to the low-side FET is below 2 V. The low-side driver does not
turn on until the voltage at the gate of the high-side MOSFETs is below 2 V. The high-side and low-side drivers
are designed with 300-mA source and sink capability to quickly drive the power MOSFETs gates. The low-side
driver is supplied from VIN, while the high-side drive is supplied from the BOOT pin. A bootstrap circuit uses an
external BOOT capacitor and an internal 2.5-
Ω bootstrap switch connected between the VIN and BOOT pins.
The integrated bootstrap switch improves drive efficiency and reduces external component count.
The cycle by cycle current limiting is achieved by sensing the current flowing through the high-side MOSFET
and differential amplifier and comparing it to the preset overcurrent threshold. The high-side MOSFET is turned
off within 200 ns of reaching the current limit threshold. A 100-ns leading edge blanking circuit prevents false
tripping of the current limit. Current limit detection occurs only when current flows from VIN to PH when sourcing
current to the output filter. Load protection during current sink operation is provided by thermal shutdown.
The device uses the thermal shutdown to turn off the power MOSFETs and disable the controller if the junction
temperature exceeds 150
°C. The device is released from shutdown when the junction temperature decreases to
10
°C below the thermal shutdown trip point and starts up under control of the slow-start circuit. Thermal
shutdown provides protection when an overload condition is sustained for several milliseconds. With a persistent
fault condition, the device cycles continuously; starting up by control of the soft-start circuit, heating up due to
the fault, and then shutting down upon reaching the thermal shutdown point.
The power good circuit monitors for under voltage conditions on VSENSE. If the voltage on VSENSE is 10%
below the reference voltage, the open-drain PWRGD output is pulled low. PWRGD is also pulled low if VIN is
less than the UVLO threshold, or SS/ENA is low, or thermal shutdown is asserted. When VIN = UVLO threshold,
SS/ENA = enable threshold, and VSENSE > 90% of Vref, the open drain output of the PWRGD pin is high. A
hysteresis voltage equal to 3% of Vref and a 35-µs falling edge deglitch circuit prevent tripping of the power good
comparator due to high frequency noise.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com