Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54316MPWPREP Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS54316MPWPREP
Description  3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT™)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54316MPWPREP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54316MPWPREP Datasheet HTML 5Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 6Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 7Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 8Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 9Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 10Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 11Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 12Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
www.ti.com
GROUNDING AND PowerPAD LAYOUT
LAYOUT CONSIDERATIONS FOR THERMAL PERFORMANCE
Minimum Recommended Exposed
Copper Area For Powerpad. 5mm
Stencils may Require 10 Percent
Larger Area
0.2454
0.0150
0.06
0.0256
0.1700
0.1340
0.0620
0.0400
0.0400
0.0400
0.0600
0.0227
0.0600
0.1010
6 PL
∅ 0.0130
4 PL
∅ 0.0180
Connect Pin 1 to Analog Ground Plane
in This Area for Optimum Performance
Minimum Recommended Top
Side Analog Ground Area
Minimum Recommended Thermal Vias: 6
× .013 dia.
Inside Powerpad Area 4
× .018 dia. Under Device as Shown.
Additional .018 dia. Vias May be Used if Top Side Analog
Ground Area is Extended.
0.2560
TPS54311-EP, TPS54312-EP,
TPS54313-EP, TPS54314-EP,
TPS54315-EP, TPS54316-EP
SGLS376A – FEBRUARY 2007 – REVISED MARCH 2007
APPLICATION INFORMATION (continued)
The TPS54311-16 has two internal grounds (analog and power). Inside the TPS54311-16, the analog ground
ties to all of the noise sensitive signals, while the power ground ties to the noisier power signals. The PowerPAD
must be connected directly to AGND. Noise injected between the two grounds can degrade the performance of
the TPS54311-16, particularly at higher output currents. However, ground noise on an analog ground plane can
also cause problems with some of the control and bias signals. For these reasons, separate analog and power
ground planes are recommended. These two planes should tie together directly at the IC to reduce noise
between the two grounds. The only components that should tie directly to the power ground plane are the input
capacitor, the output capacitor, the input voltage decoupling capacitor, and the PGND pins of the TPS54311-16.
The layout of the TPS54311-16 evaluation module is representative of a recommended layout for a 4-layer
board. Documentation for the TPS54311-16 evaluation module can be found on the Texas Instruments web site
under the TPS54311-16 product folder and in the application note, Texas Instruments literature number
SLVA111.
For operation at full rated load current, the analog ground plane must provide adequate heat dissipating area. A
3 inch by 3 inch plane of 1 ounce copper is recommended, though not mandatory, depending on ambient
temperature and airflow. Most applications have larger areas of internal ground plane available, and the
PowerPAD should be connected to the largest area available. Additional areas on the top or bottom layers also
help dissipate heat, and any area available should be used when 3 A or greater operation is desired. Connection
from the exposed area of the PowerPAD to the analog ground plane layer should be made using 0.013 inch
diameter vias to avoid solder wicking through the vias. Six vias should be in the PowerPAD area with four
additional vias located under the device package. The size of the vias under the package, but not in the exposed
thermal pad area, can be increased to 0.018. Additional vias beyond the ten recommended that enhance
thermal performance should be included in areas not under the device package.
Figure 11. Recommended Land Pattern for 20-Pin PWP PowerPAD
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com