Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54316MPWPREP Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS54316MPWPREP
Description  3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT™)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54316MPWPREP Datasheet(HTML) 5 Page - Texas Instruments

  TPS54316MPWPREP Datasheet HTML 1Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 2Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 3Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 4Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 5Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 6Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 7Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 8Page - Texas Instruments TPS54316MPWPREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.ti.com
Electrical Characteristics
TPS54311-EP, TPS54312-EP,
TPS54313-EP, TPS54314-EP,
TPS54315-EP, TPS54316-EP
SGLS376A – FEBRUARY 2007 – REVISED MARCH 2007
T
J = –55°C to 125°C, VIN = 3 V to 6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE, VIN
VIN
Input voltage range
3
6
V
fs = 350 kHz,
FSEL
≤ 0.8 V,
6.2
9.6
RT open
xxx
Quiescent current
fs = 550 kHz,
FSEL
≥ 2.5 V,
mA
8.4
12.8
Phase pin open,
RT open
Shutdown,
SS/ENA = 0 V
1
1.4
UNDER VOLTAGE LOCK OUT
Start threshold voltage, UVLO
2.95
3
V
Stop threshold voltage, UVLO
2.7
2.8
Hysteresis voltage, UVLO
0.14
V
Rising and falling edge deglitch,
2.5
µs
UVLO(1)
BIAS VOLTAGE
Output voltage, VBIAS
I(VBIAS) = 0
2.7
2.8
2.95
V
Output current, VBIAS(2)
100
µA
OUTPUT VOLTAGE
TJ = 25°C
VIN = 5.0 V
0.9
V
TPS54311
3
≤ V
IN ≤ 6V
0
≤ I
L ≤ 3A
–55
°C ≤ T
J ≤ 125°C
–3.0%
3.0%
TJ = 25°C
VIN = 5.0 V
1.2
V
TPS54312
3
≤ V
IN ≤ 6V
0
≤ I
L ≤ 3A
–55
°C ≤ T
J ≤ 125°C
–3.0%
3.0%
TJ = 25°C
VIN = 5.0 V
1.5
V
TPS54313
3
≤ V
IN ≤ 6V
0
≤ I
L ≤ 3A
–55
°C ≤ T
J ≤ 125°C
–3.0%
3.0%
VOOutput Voltage
TJ = 25°C
VIN = 5.0 V
1.8
V
TPS54314
3
≤ V
IN ≤ 6V
0
≤ I
L ≤ 3A
–55
°C ≤ T
J ≤ 125°C
–3.0%
3.0%
TJ = 25°C
VIN = 5.0 V
2.5
V
TPS54315
3
≤ V
IN ≤ 6V
0
≤ I
L ≤ 3A
–55
°C ≤ T
J ≤ 125°C
–3.0%
3.0%
TJ = 25°C
VIN = 5.0 V
3.3
V
TPS54316
3
≤ V
IN ≤ 6V
0
≤ I
L ≤ 3A
–55
°C ≤ T
J ≤ 125°C
–3.0%
3.0%
REGULATION
Line regulation(1)(3)
IL = 1.5 A,
350
≤ f
s ≤ 550 kHz,
0.21
%/V
Load regulation(1)(3)
IL = 0 A to 3 A,
350
≤ f
s ≤ 550 kHz,
0.21
%/A
OSCILLATOR
FSEL
≤ 0.8 V,
RT open
255
350
450
Internally set free-running frequency
kHz
range
FSEL
≥ 2.5 V,
RT open
400
550
700
RT = 180 k
Ω (1% resistor to AGND)(1)
252
280
308
Externally set free-running frequency
RT = 160 k
Ω (1% resistor to AGND)
290
312
350
kHz
range
RT = 68 k
Ω (1% resistor to AGND)(1)
663
700
762
High-level threshold voltage at FSEL
2.5
V
Low-level threshold voltage at FSEL
0.8
V
Pulse duration, FSEL(1)
50
ns
Frequency range, FSEL(1)(4)
330
700
kHz
Ramp valley(1)
0.75
V
(1)
Specified by design
(2)
Static resistive loads only
(3)
Specified by the circuit used in Figure 10.
(4)
To ensure proper operation when RC filter is used between external clock and FSEL pin, the recommended values are R
≤ 1 kΩ and C
≤ 68 pF.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com