Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV654MT/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LMV654MT/NOPB
Description  LMV65x 12-MHz, Low Voltage, Low Power Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV654MT/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMV654MT/NOPB Datasheet HTML 1Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 2Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 3Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 4Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 5Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 6Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 7Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 8Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
3
LMV651, LMV652, LMV654
www.ti.com
SNOSAI7K – SEPTEMBER 2005 – REVISED MAY 2016
Product Folder Links: LMV651 LMV652 LMV654
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
LMV651 DBV or DCK Package
5-Pin SC70 or SOT-23
Top View
LMV652 DGK Package
8-Pin VSSOP
Top View
LMV654 PW Package
14-Pin TSSOP
Top View
Pin Functions: LMV651
PIN
I/O
DESCRIPTION
NAME
NO.
–IN
3
I
Inverting Input
+IN
1
I
Noninverting Input
OUT
4
O
Output
V–
2
P
Negative supply input
V+
5
P
Positive Supply Input
Pin Functions: LMV652, LMV654
PIN
I/O
DESCRIPTION
NAME
VSSOP
TSSOP
–IN A
2
2
I
Inverting input, channel A
+IN A
3
3
I
Noninverting input, channel A
–IN B
6
6
I
Inverting input, channel B
+IN B
5
5
I
Noninverting input, channel B
–IN C
—
9
I
Inverting input, channel C
+IN C
—
10
I
Noninverting input, channel C
–IN D
—
13
I
Inverting input, channel D
+IN D
—
12
I
Noninverting input, channel D
OUT A
1
1
O
Output, channel A
OUT B
7
7
O
Output, channel B
OUT C
—
8
O
Output, channel C
OUT D
—
14
O
Output, channel D
V–
4
11
P
Negative (lowest) power supply
V+
8
4
P
Positive (highest) power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com