Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV654MT/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LMV654MT/NOPB
Description  LMV65x 12-MHz, Low Voltage, Low Power Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV654MT/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMV654MT/NOPB Datasheet HTML 3Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 4Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 5Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 6Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 7Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 8Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 9Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 10Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
0
1
2
3
4
5
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
VCM (V)
125°C
25°C
-40°C
VS = 5V
-40°C
2.7
3.2
3.7
4.2
4.7
5.2
-1
-0.75
-0.5
-0.25
0
0.25
1
VS (V)
0.5
0.75
125°C
25°C
5.5
0
0.5
1
1.5
2
2.5
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
VCM (V)
125°C
25°C
-40°C
VS = 3V
2.7
3.2
3.7
4.2
4.7
5.2
VS (V)
80
100
120
140
160
180
-40°C
25°C
125°C
5.5
2.7
3.2
3.7
4.2
4.7
5.2
VS (V)
80
100
120
140
160
180
-40°C
25°C
125°C
5.5
2.7
3.2
3.7
4.2
4.7
5.2
VS (V)
80
100
120
140
160
180
-40°C
25°C
125°C
5.5
7
LMV651, LMV652, LMV654
www.ti.com
SNOSAI7K – SEPTEMBER 2005 – REVISED MAY 2016
Product Folder Links: LMV651 LMV652 LMV654
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
6.7 Typical Characteristics
Unless otherwise specified, TA= 25°C, VS= 5 V, V
+= 5 V, V−= 0 V, V
CM= VS/2
Figure 1. Supply Current vs Supply Voltage (LMV651)
Figure 2. Supply Current per Channel vs Supply Voltage
(LMV652)
Figure 3. Supply Current per Channel vs Supply Voltage
(LMV654)
Figure 4. VOS vs VCM
Figure 5. VOS vs VCM
Figure 6. VOS vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com