Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV654MT/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LMV654MT/NOPB
Description  LMV65x 12-MHz, Low Voltage, Low Power Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV654MT/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMV654MT/NOPB Datasheet HTML 2Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 3Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 4Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 5Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 6Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 7Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 8Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 9Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
LMV651, LMV652, LMV654
SNOSAI7K – SEPTEMBER 2005 – REVISED MAY 2016
www.ti.com
Product Folder Links: LMV651 LMV652 LMV654
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlations using
Statistical Quality Control (SQC) method.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(3)
Positive current corresponds to current flowing into the device.
(4)
The part is not short-circuit protected and is not recommended for operation with low resistive loads. Typical sourcing and sinking output
current curves are provided in Typical Characteristics and should be consulted before designing for heavy loads.
(5)
Slew rate is the average of the rising and falling slew rates.
6.6 5-V DC Electrical Characteristics
Unless otherwise specified, all limits are specified for TJ = 25°C, V
+ = 5 V, V− = 0 V, V
O = VCM = V
+/2, and R
L > 1 MΩ.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VOS
Input offset voltage
0.1
±1.5
mV
Over specified temperature range
2.7
TC VOS
Input offset average drift
6.6
μV/°C
IB
Input bias current
See(3)
80
120
nA
IOS
Input offset current
2.2
15
nA
CMRR
Common-mode rejection ratio
0
≤ VCM≤ 4 V
90
100
dB
Over specified temperature range
83
PSRR
Power supply rejection ratio
3 V
≤ V+ ≤ 5 V, VCM = 0.5 V
87
95
dB
Over specified temperature range
81
2.7 V
≤ V+ ≤ 5.5 V, VCM =
0.5 V
87
95
Over specified temperature range
81
CMVR
Input common-mode voltage
range
CMRR
≥ 80 dB
0
4.1
V
CMRR
≥ 68 dB, over specified temperature range
0
4.1
AVOL
Large signal voltage gain
0.3
≤ VO ≤ 4.7 V, RL = 2 kΩ to V
+/2
79
84
dB
0.4
≤ VO ≤ 4.6 V, RL = 2 kΩ to V
+/2, over specified temperature range
76
0.3
≤ VO ≤ 4.7 V, RL = 10 kΩ to V
+/2
87
94
0.4
≤ VO ≤ 4.6 V, RL = 10 kΩ to V
+/2, over specified temperature
range
84
VO
Output swing high
RL = 2 kΩ to V
+/2
120
140
mV from
rail
Over specified temperature range
185
RL = 10 kΩ to V
+/2
75
90
Over specified temperature range
120
Output swing low
RL = 2 kΩ to V
+/2
110
130
Over specified temperature range
150
RL = 10 kΩ to V
+/2
70
80
Over specified temperature range
95
ISC
Maximum continuous output
current
Sourcing(4)
18.5
mA
Sinking(4)
25
IS
Supply current per amplifier
LMV651
116
140
μA
Over specified temperature range
175
LMV652
118
140
Over specified temperature range
175
LMV654
122
140
Over specified temperature range
175
SR
Slew rate
AV = +1, VO = 1 VPP, 10% to 90%
(5)
3.0
V/
μs
GBW
Gain bandwidth product
12
MHz
en
Input-referred voltage noise
f = 100 kHz
17
nV/
√Hz
f = 1 kHz
17
in
Input-referred current noise
f = 100 kHz
0.1
pA/
√Hz
f = 1 kHz
0.15
THD
Total harmonic distortion
f = 1 kHz, AV = 2, RL = 2 kΩ
0.003%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com