Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV654MT/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LMV654MT/NOPB
Description  LMV65x 12-MHz, Low Voltage, Low Power Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV654MT/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMV654MT/NOPB Datasheet HTML 1Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 2Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 3Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 4Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 5Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 6Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 7Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 8Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
5
LMV651, LMV652, LMV654
www.ti.com
SNOSAI7K – SEPTEMBER 2005 – REVISED MAY 2016
Product Folder Links: LMV651 LMV652 LMV654
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlations using
Statistical Quality Control (SQC) method.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(3)
Positive current corresponds to current flowing into the device.
(4)
Slew rate is the average of the rising and falling slew rates.
(5)
The part is not short-circuit protected and is not recommended for operation with low resistive loads. Typical sourcing and sinking output
current curves are provided in Typical Characteristics and should be consulted before designing for heavy loads.
6.5 3-V DC Electrical Characteristics
Unless otherwise specified, all limits are specified for TA = 25°C, V
+ = 3 V, V− = 0 V, V
O = VCM = V
+/2, and R
L > 1 MΩ.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VOS
Input offset voltage
0.1
±1.5
mV
Over specified temperature range
2.7
TC VOS
Input offset average drift
6.6
μV/°C
IB
Input bias current(3)
80
120
nA
IOS
Input offset current
2.2
15
nA
CMRR
Common-mode rejection ratio
0
≤ VCM≤ 2 V
87
100
dB
Over specified temperature range
80
PSRR
Power supply rejection ratio
3
≤ V+ ≤ 5 V, VCM = 0.5
87
95
dB
Over specified temperature range
81
2.7
≤ V+ ≤ 5.5 V,
VCM = 0.5
87
95
Over specified temperature range
81
CMVR
Input common-mode voltage
range
CMRR
≥ 75 dB
0
2.1
V
CMRR
≥ 60 dB, over specified temperature range
0
2.1
AVOL
Large signal voltage gain
0.3
≤ VO ≤ 2.7, RL = 2 kΩ to V
+/2
80
85
dB
0.4
≤ VO ≤ 2.6, RL = 2 kΩ to V
+/2, over specified temperature range
76
0.3
≤ VO ≤ 2.7, RL = 10 kΩ to V
+/2
86
93
0.4
≤ VO ≤ 2.6, RL = 10 kΩ to V
+/2, over specified temperature
range
83
VO
Output swing high
RL = 2 kΩ to V
+/2
80
95
mV from
rail
Over specified temperature range
120
RL = 10 kΩ to V
+/2
45
50
Over specified temperature range
60
Output swing low
RL = 2 kΩ to V
+/2
95
110
Over specified temperature range
125
RL = 10 kΩ to V
+/2
60
65
Over specified temperature range
75
ISC
Maximum continuous output
current
Sourcing(4)
17
mA
Sinking(4)
25
IS
Supply current per amplifier
LMV651
115
140
μA
Over specified temperature range
175
LMV652
118
140
Over specified temperature range
175
LMV654
122
140
Over specified temperature range
175
SR
Slew rate
AV = +1, 10% to 90%
(5)
3.0
V/
μs
GBW
Gain bandwidth product
12
MHz
en
Input-referred voltage noise
f = 100 kHz
17
nV/
√Hz
f = 1 kHz
17
in
Input-referred current noise
f = 100 kHz
0.1
pA/
√Hz
f = 1 kHz
0.15
THD
Total harmonic distortion
f = 1 kHz, AV = 2, RL = 2 kΩ
0.003%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com