Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV654MT/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # LMV654MT/NOPB
Description  LMV65x 12-MHz, Low Voltage, Low Power Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV654MT/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMV654MT/NOPB Datasheet HTML 8Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 9Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 10Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 11Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 12Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 13Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 14Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 15Page - Texas Instruments LMV654MT/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
10
1k
1M
0.01
100
1000
10M
10k
100
100M
FREQUENCY (Hz)
100k
10
1
0.1
120
10
1k
100k
10M
FREQUENCY (Hz)
0
80
1M
10k
100
100
60
40
20
VS = 3V, -PSRR
VS = 5V, -PSRR
VS = 3V, +PSRR
VS = 5V, +PSRR
10
1k
1M
FREQUENCY (Hz)
0
40
120
100k
10k
100
100
60
20
80
12
LMV651, LMV652, LMV654
SNOSAI7K – SEPTEMBER 2005 – REVISED MAY 2016
www.ti.com
Product Folder Links: LMV651 LMV652 LMV654
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified, TA= 25°C, VS= 5 V, V
+= 5 V, V−= 0 V, V
CM= VS/2
Figure 31. PSRR vs Frequency
Figure 32. CMRR vs Frequency
Figure 33. Closed-Loop Output Impedance vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com