Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U073RBU6 Datasheet(PDF) 54 Page - STMicroelectronics

Part # STM32U073RBU6
Description  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073RBU6 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STM32U073RBU6 Datasheet HTML 50Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 51Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 52Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 53Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 54Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 55Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 56Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 57Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 146 page
background image
Table 31. Current consumption in Run and Low-power run modes, code with data processing running from SRAM1, MSI clock used as system clock
TBD stands for "to be defined".
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
Clock source
Range
fHCLK
25 °C 55 °C 85 °C 105 °C 125 °C 30 °C 55 °C 85 °C 105 °C 130 °C
IDD (Run)
Supply current in Run mode
fHCLK = fMSI, peripherals
disabled
Range 1
48 MHz
3.50
3.55
3.65
3.75
3.95
3.85
3.95
4.15
4.35
4.8
mA
32 MHz
2.35
2.40
2.50
2.60
2.75
2.6
2.7
2.85
3.05
3.45
24 MHz
1.80
1.85
1.90
2.00
2.20
2
2.05
2.2
2.4
2.8
16 MHz
1.25
1.30
1.35
1.40
1.60
1.35
1.45
1.55
1.75
2.1
Range 2
16 MHz
1.05
1.10
1.15
1.20
1.35
1.15
1.2
1.3
1.5
1.8
8 MHz
0.575 0.590 0.630 0.695
0.850
0.63
0.66 0.745
0.89
1.2
4 MHz
0.345 0.355 0.395 0.460
0.610 0.375 0.405 0.485 0.625
0.935
2 MHz
0.225 0.240 0.275 0.345
0.490
0.25 0.275 0.35
0.49
0.8
1 MHz
0.170 0.180 0.215 0.285
0.430 0.185
0.2
0.285 0.425
0.73
400 kHz 0.130 0.140 0.180 0.245
0.395 0.145 0.165 0.245
0.38
0.69
100 kHz 0.115 0.125 0.160 0.225
0.375 0.125 0.15 0.225
0.36
0.67
IDD (LPRun)
Supply current in Low-power run
mode
Low-power run
2 MHz
0.070 0.080 0.120 0.190
0.355
TBD
TBD
TBD
TBD
TBD
1 MHz
0.040 0.050 0.090 0.160
0.320
TBD
TBD
TBD
TBD
TBD
400 kHz 0.020 0.030 0.070 0.145
0.295
TBD
TBD
TBD
TBD
TBD
100 kHz 0.010 0.020 0.060 0.130
0.290
TBD
TBD
TBD
TBD
TBD
1. Evaluated by characterization, unless otherwise specified.
Table 32. Typical current consumption in Run and Low-power run modes, with different codes running from flash memory, ART enabled (cache ON,
prefetch OFF)
Symbol
Parameter
Conditions
Typical consumption Typical consumption Typical consumption
Clock source
Range
Code
25 °C, 1.8 V
25 °C, 3.0 V
25 °C, 3.6 V
IDD (Run)
Supply current in Run mode
fHCLK = fMSI, all peripherals
disabled
Range 1, 48 MHz
Coremark
3640
μA
76
μA/
MHz
3760
μA
78
μA/
MHz
3830
μA
80
μA/
MHz
Reduced code 3880
81
4060
85
4090
85
Dhrystone 2.1 3660
76
3830
80
3870
81
Fibonacci
3490
73
3650
76
3690
77
While(1)
2490
52
2610
54
2640
55
Range 2, 16 MHz
Coremark
1090
68
1130
71
1150
72
Reduced code 1160
73
1210
76
1220
76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com