Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U073RBU6 Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM32U073RBU6
Description  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073RBU6 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM32U073RBU6 Datasheet HTML 58Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 59Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 60Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 61Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 62Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 63Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 64Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 65Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 146 page
background image
Symbol
Parameter
Conditions
Typ
Max
Unit
-
-
VDD 25 °C 55 °C 85 °C 105 °C 125 °C 30 °C 55 °C 85 °C 105 °C 130 °C
IDD (Stop 2)
Supply current in Stop 2
mode, RTC enabled
RTC clocked by LSE quartz
in low-drive mode, LCD
disabled
EN_ULP = 1
LPCAL = 1
3.3 V
nA
975
2800 10500 24500 59500 2450 7000 27000 61500 150000
3.6 V 1050 2900 11000 25000 60500 2600 7250 27500 62500 150000
RTC clocked by LSE quartz
in low-drive mode, LCD
enabled
-
1.8 V
890
2400
9050
22000 52500 2200 6050 22500 54500 130000
2.4 V
945
2450
9150
22500 54000 2350 6150 23000 56000 135000
3.0 V
985
2500
9400
23000 56000 2450 6300 23500 57500 140000
3.3 V 1000 2550
9500
23500 56500 2550 6450 23500 58500 140000
3.6 V 1050 2650
9750
23500 57500 2650 6600 24500 59500 145000
Table 41. Current consumption in Standby mode
Symbol
Parameter
Conditions
Typ
Max
Unit
-
-
VDD 25 °C 55 °C 85 °C 105 °C 125 °C 30 °C 55 °C 85 °C 105 °C 130 °C
IDD (Standby)
Supply current in Standby mode
(backup registers retained),
RTC disabled
No independent watchdog
EN_ULP = 0
1.8 V 30.5
195
1200
3700
9400
77.5
485
3050
9300
23500
nA
2.4 V 48.0
260
1550
4300
11000
120
650
3900 11000 27000
3.0 V 68.5
345
2000
5050
12000
170
865
5050 12500 30500
3.3 V 82.0
395
2250
5450
13000
205
990
5650 13500 32500
3.6 V
105
460
2550
5750
14000
260
1150 6400 14500 34500
EN_ULP = 1
1.8 V
100
235
1050
3050
8750
250
585
2600
7600
22000
2.4 V
115
265
1200
3450
10000
285
665
2950
8600
25000
3.0 V
130
305
1350
3900
11000
320
765
3400
9800
28000
3.3 V
135
330
1450
4250
12000
345
830
3600 10500 29500
3.6 V
150
370
1550
4500
12500
380
925
3900 11000 31500
Independent watchdog
EN_ULP = 0
1.8 V
195
335
1150
3150
8800
490
835
2850
7850
22000
2.4 V
215
375
1300
3600
10000
545
945
3250
8950
25500
3.0 V
240
425
1500
4000
11500
605
1050 3700 10000 28500
3.3 V
260
460
1600
4350
12000
650
1150 4000 11000 30000
3.6 V
280
505
1700
4700
13000
700
1250 4300 11500 32000
IDD (Standby with
RTC)
Supply current in Standby mode
(backup registers retained),
RTC enabled
RTC clocked by LSI, no
independent watchdog
EN_ULP = 0
1.8 V
195
335
1150
3150
8750
490
840
2850
7850
22000
2.4 V
220
380
1300
3600
10000
545
945
3250
8950
25500
3.0 V
245
430
1500
4050
11500
610
1050 3700 10000 28500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com