Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U073RBU6 Datasheet(PDF) 96 Page - STMicroelectronics

Part # STM32U073RBU6
Description  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073RBU6 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STM32U073RBU6 Datasheet HTML 92Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 93Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 94Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 95Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 96Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 97Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 98Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 99Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 146 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDDA(DAC) DAC consumption from VDDA
DAC output buffer OFF
No load, middle code
(0x800)
µA
-
-
0.2
Sample and hold mode, CSH = 100 nF
-
315 ₓ Ton/
(Ton+Toff)(3)
670 ₓ
Ton/
(Ton+Toff)(3)
IDDV(DAC) DAC consumption from VREF+
DAC output buffer ON
No load, middle code
(0x800)
-
185
240
µA
No load, worst code
(0xF1C)
-
340
400
DAC output buffer OFF
No load, middle code
(0x800)
-
155
205
Sample and hold mode, buffer ON, CSH = 100 nF,
worst case
-
185 ₓ
Ton/
(Ton+Toff)(3)
400 ₓ
Ton/
(Ton+Toff)(3)
Sample and hold mode, buffer OFF, CSH = 100 nF,
worst case
-
155 ₓ
Ton/
(Ton+Toff)(3)
205 ₓ
Ton/
(Ton+Toff)(3)
1. In buffered mode, the output can overshoot above the final value for low input code (starting from min value).
2. Refer to Table 64. I/O static characteristics.
3. Ton is the Refresh phase duration. Toff is the Hold phase duration. Refer to RM0503 reference manual for more details.
Figure 28. 12-bit buffered / non-buffered DAC
12-bit
digital-to-analog
converter
Buffered/non-buffered DAC
DAC_OUTx
RLOAD
CLOAD
Buffer(1)
(1) The DAC integrates an output buffer that can be used to reduce the output impedance and to drive external loads
directly without the use of an external operational amplifier. The buffer can be bypassed by configuring the BOFFx bit in
the DAC_CR register.
1. The DAC integrates an output buffer that can be used to reduce the output impedance and to drive external
loads directly without the use of an external operational amplifier. The buffer can be bypassed by configuring
the BOFFx bit in the DAC_CR register.
.
Table 77. DAC accuracy
Specified by design, not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DNL
Differential non linearity(1)
DAC output buffer ON
-
-
±2
LSB
DAC output buffer OFF
-
-
±2
-
monotonicity
10 bits
guaranteed
INL
Integral non linearity(2)
DAC output buffer ON
CL ≤ 50 pF, RL ≥ 5 kΩ
-
-
±4
DAC output buffer OFF
CL ≤ 50 pF, no RL
-
-
±4
STM32U073x8/B/C
Electrical characteristics
DS14548 - Rev 2
page 96/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com