Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U073RBU6 Datasheet(PDF) 84 Page - STMicroelectronics

Part # STM32U073RBU6
Description  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073RBU6 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STM32U073RBU6 Datasheet HTML 80Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 81Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 82Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 83Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 84Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 85Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 86Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 87Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 146 page
background image
Figure 23. I/O input characteristics
Tested
in prod
uction
CMOS
requireme
nt Vi
h min
= 0.7xV
DDIOx
Based
on si
mulation
Vih min
= 0.61
xVDD
IOx+0.05
for 1.08<V
DDIOx
<1.62
or 0.49xV
DDIOx
+0.26
for V
DDIOx
>1.62
Based
on simulation
Vil max
=0.43
xVDDIOx
-0.1 for
1.08<V
DDIOx<1.62
or 0.39xV
DDIOx-0.06
for VDDIOx
>1.62
Tested in
production
CMOS requireme
nt Vil max
= 0.3xVdd
TTL requirement Vih min = 2V
TTL requirement Vil max = 0.8V
Current
The GPIOs (general purpose input/outputs) can sink or source up to ±8 mA, and sink or source up to ± 20 mA
(with a relaxed VOL/VOH).
GPIOs PC13, PC14 and PC15 are supplied through the power switch, limiting source capability up to 3 mA only.
In the user application, the number of I/O pins which can drive current must be limited to respect the absolute
maximum rating specified in Section 6.2: Absolute maximum ratings:
•
The sum of the currents sourced by all the I/Os on VDDIOx, plus the maximum consumption of the MCU
sourced on VDD, cannot exceed the absolute maximum rating ΣIVDD (see Table 19. Voltage characteristics).
•
The sum of the currents sunk by all the I/Os on VSS, plus the maximum consumption of the MCU sunk on
VSS, cannot exceed the absolute maximum rating ΣIVSS (see Table 19. Voltage characteristics).
Output voltage levels
Unless otherwise specified, the parameters given in the table below are derived from tests performed under the
ambient temperature and supply voltage conditions summarized in Section 6.3.1: General operating conditions.
All I/Os are CMOS- and TTL-compliant (FT or TT unless otherwise specified).
Table 65. Output voltage characteristics
The IIO current sourced or sunk by the device must always respect the absolute maximum rating specified in Table 19. Voltage characteristics, ,
and the sum of the currents sourced or sunk by all the I/Os (I/O ports and control pins) must always respect the absolute maximum ratings ΣIIO.
Symbol
Parameter
Conditions
Min
Max Unit
VOL
Output low level voltage for an I/O pin
CMOS port (1)
|IIO| = 8 mA(2)
VDDIOx ≥ 2.7 V
-
0.4
V
VOH
Output high level voltage for an I/O pin
VDDIOx - 0.4
-
VOL(3)
Output low level voltage for an I/O pin
TTL port(1)
|IIO| = 8 mA(4)
VDDIOx ≥ 2.7 V
-
0.4
VOH(3) Output high level voltage for an I/O pin
2.4
-
STM32U073x8/B/C
Electrical characteristics
DS14548 - Rev 2
page 84/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com