Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U073RBU6 Datasheet(PDF) 82 Page - STMicroelectronics

Part # STM32U073RBU6
Description  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073RBU6 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM32U073RBU6 Datasheet HTML 78Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 79Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 80Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 81Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 82Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 83Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 84Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 85Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 146 page
background image
Table 62. Electrical sensitivities
Symbol
Parameter
Conditions
Class
LU
Static latch-up class
TA = +130 °C conforming to JESD78A
II
6.3.13
I/O current injection characteristics
As a general rule, current injection to the I/O pins, due to external voltage below VSS or above VDDIOx (for
standard, 3.3 V-capable I/O pins) should be avoided during normal product operation. However, in order to give
an indication of the robustness of the microcontroller in cases when abnormal injection accidentally happens,
susceptibility tests are performed on a sample basis during device characterization.
Functional susceptibility to I/O current injection
While a simple application is executed on the device, the device is stressed by injecting current into the I/O pins
programmed in floating input mode. While current is injected into the I/O pin, one at a time, the device is checked
for functional failures.
The failure is indicated by an out of range parameter: ADC error above a certain limit (higher than 5 LSB TUE),
out of conventional limits of induced leakage current on adjacent pins (out of the 5 µA/+0 µA range) or other
functional failure (for example reset occurrence or oscillator frequency deviation).
The characterization results are given in Table 63. I/O current injection susceptibility.
Negative induced leakage current is caused by negative injection and positive induced leakage current is caused
by positive injection.
Table 63. I/O current injection susceptibility
Evaluated by characterization, not tested in production.
Symbol
Description
Functional susceptibility
Unit
Negative injection
Positive injection
IINJ
Injected current on all pins except PA4, PA5
-5
N/A(1)
mA
Injected current on PA4, PA5 pins
-5
0
1. Injection is not possible.
6.3.14
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 64. I/O static characteristics are derived from tests
performed under the conditions summarized in Section 6.3.1: General operating conditions. All I/Os are designed
as CMOS- and TTL-compliant.
Note:
For information on GPIO configuration, refer to the application note AN4899 “STM32 GPIO configuration for
hardware settings and low-pow er consumption” available from the ST website www.st.com.
Table 64. I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL(1)
I/O input low level voltage
1.62 V < VDDIOx < 3.6 V
-
-
0.3 x VDDIOx (2)
V
I/O input low level voltage
1.62 V < VDDIOx < 3.6 V
-
-
0.39 x VDDIOx -
0.06(3)
VIH(1)
I/O input high level voltage
1.62 V < VDDIOx < 3.6 V
0.7 x VDDIOx (2)
-
-
V
I/O input high level voltage
1.62 V < VDDIOx < 3.6 V
0.49 x VDDIOX + 0.26 (3)
-
-
Vhys(3)
TT_xx, FT_xxx and NRST
I/O input hysteresis
1.62 V < VDDIOx < 3.6 V
-
200
-
mV
Ilkg(4)
FT_xx input leakage
current(3)(5)
VIN ≤ Max(VDDXXX)(6)(7)
-
-
±100
nA
STM32U073x8/B/C
Electrical characteristics
DS14548 - Rev 2
page 82/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com