Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U073RBU6 Datasheet(PDF) 135 Page - STMicroelectronics

Part # STM32U073RBU6
Description  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073RBU6 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button STM32U073RBU6 Datasheet HTML 131Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 132Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 133Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 134Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 135Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 136Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 137Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 138Page - STMicroelectronics STM32U073RBU6 Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 146 page
background image
8
Ordering information
Example:
STM32
U
073
M
C
T
6
TR
Device family
STM32 = Arm®-based 32-bit microcontroller
Product type
U = Ultra!-low-power
Device subfamily
073 = STM32U073xx
Pin count
K = 32 pins
H = 42 balls
C = 48 pins
R = 64 pins/balls
M = 80/81 pins/balls
Flash memory size
8 = 64 Kbytes of flash memory
B = 128 Kbytes of flash memory
C = 256 Kbytes of flash memory
Package
T = LQFP ECOPACK2
U = UFQFPN ECOPACK2
I = UFBGA ECOPACK2
Y = WLCSP ECOPACK2
Temperature range
3 = Industrial temperature range, –40 to 125 °C (130 °C junction)
6 = Industrial temperature range, –40 to 85°C (105 °C junction)
Packing
TR = Tape and reel
xxx = Programmed parts
Note:
For a list of available options (such as speed and package) or for further information on any aspect of this
device, contact your nearest ST sales office.
STM32U073x8/B/C
Ordering information
DS14548 - Rev 2
page 135/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com