Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0004 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0004
Description  DFRduino Romeo‐All in one Controller V1.1(SKU:DFR0004)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0004 Datasheet(HTML) 1 Page - DFROBOT

  DFR0004 Datasheet HTML 1Page - DFROBOT DFR0004 Datasheet HTML 2Page - DFROBOT DFR0004 Datasheet HTML 3Page - DFROBOT DFR0004 Datasheet HTML 4Page - DFROBOT DFR0004 Datasheet HTML 5Page - DFROBOT DFR0004 Datasheet HTML 6Page - DFROBOT DFR0004 Datasheet HTML 7Page - DFROBOT DFR0004 Datasheet HTML 8Page - DFROBOT DFR0004 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
 
 
DFRduino Romeo‐All in one Controller V1.1(SKU:DFR0004)
 
DFRduino RoMeo V1.1
Contents
1 Introduction
2 Specification
3 DFRduino RoMeo Pinout
4 Before you start
4.1 Applying Power
4.2 Software
5 Romeo Configuration
5.1 Servo Power Select Jumper
5.2 Motor Control Pin Jumper
6 Tutorial
6.1 Button Press
6.2 Example use of Button 1-5
7 Dual DC Motor Speed Control
7.1 Hardware Setting
7.2 Pin Allocation
7.3 PWM Control Mode
7.4 PLL Control Mode


Similar Part No. - DFR0004

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0003 DFROBOT-DFR0003 Datasheet
880Kb / 2P
DFRduino Mega1280 (Arduino Mega Compatible)
5-28-20
DFR0008 DFROBOT-DFR0008 Datasheet
106Kb / 6P
Input Shield For Arduino SKU: DFR0008
DFR0009 DFROBOT-DFR0009 Datasheet
697Kb / 11P
LCD KeyPad Shield For Arduino SKU: DFR0009
8-3-18
More results

Similar Description - DFR0004

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83702 EMC-EM83702 Datasheet
81Kb / 11P
ALL IN ONE MOUSE CONTROLLER
EM83807 EMC-EM83807 Datasheet
52Kb / 7P
ALL-IN-ONE PLUG & PLAY 3-BUTTON SERIAL MOUSE CONTROLLER
logo
List of Unclassifed Man...
SC83702 ETC-SC83702 Datasheet
137Kb / 10P
ALL IN ONE MOUSE CONTROLLER
logo
NXP Semiconductors
PN7462 NXP-PN7462 Datasheet
985Kb / 4P
First all-in-one full NFC controller solution
2016
logo
Lightel Technologies IN...
FF-280 LIGHTEL-FF-280 Datasheet
206Kb / 2P
All-in-One Component Workstation
FRMD-13-A-B-0 LIGHTEL-FRMD-13-A-B-0 Datasheet
90Kb / 1P
All-in-One Component Workstation
logo
RENCO ELECTRONICS, INC.
RL-2260 RENCO-RL-2260 Datasheet
1Mb / 3P
ALL IN ONE??POWER TRANSFORMERS
logo
Schneider Electric
SO2040M200SS SCHNEIDER-SO2040M200SS Datasheet
117Kb / 2P
ALL-IN-ONE RINGLESS OH200ASURFACEHORNSOL
Mar 30, 2020
logo
List of Unclassifed Man...
MT3333 ETC1-MT3333 Datasheet
633Kb / 26P
All-in-One GNSS
logo
New Scale Technologies,...
M3-LS-U2-8 NEWSCALE-M3-LS-U2-8 Datasheet
1,009Kb / 4P
All-In-One Motion Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com