Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0004 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0004
Description  DFRduino Romeo‐All in one Controller V1.1(SKU:DFR0004)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0004 Datasheet(HTML) 2 Page - DFROBOT

  DFR0004 Datasheet HTML 1Page - DFROBOT DFR0004 Datasheet HTML 2Page - DFROBOT DFR0004 Datasheet HTML 3Page - DFROBOT DFR0004 Datasheet HTML 4Page - DFROBOT DFR0004 Datasheet HTML 5Page - DFROBOT DFR0004 Datasheet HTML 6Page - DFROBOT DFR0004 Datasheet HTML 7Page - DFROBOT DFR0004 Datasheet HTML 8Page - DFROBOT DFR0004 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Introduction
RoMeo is an All-in-One microcontroller especially designed for robotics application. Benefit from
Arduino open source platform, it is supported by thousands of open source codes, and can be easily
expanded with most Arduino Shields. The integrated 2 way DC motor driver and wireless socket
gives a much easier way to start your robotic project.
Note:
A. Please read this manual carefully before applying power on the device.
B. Do not use this device for military or medical purpose as they are not des
igned to.
Specification
Atmega 168/328
14 Channels Digital I/O
6 PWM Channels (Pin11,Pin10,Pin9,Pin6,Pin5,Pin3)
8 Channels 10-bit Analog I/O
USB interface
Auto sensing/switching power input
ICSP header for direct program download
Serial Interface TTL Level
Support AREF
Support Male and Female Pin Header
Integrated sockets for APC220 RF Module and DF-Bluetooth Module
Five I2C Interface Pin Sets
Two way Motor Drive with 2A maximum current
5 key inputs
DC Supply:USB Powered or External 7V~12V DC。
DC Output:5V /3.3V DC and External Power Output
Dimension:90x80mm
DFRduino RoMeo Pinout
Fig1: Romeo Pin Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com