Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0144 Datasheet(PDF) 5 Page - DFROBOT

Part # DFR0144
Description  Relay Shield for Arduino V2.1 (SKU:DFR0144)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0144 Datasheet(HTML) 5 Page - DFROBOT

  DFR0144 Datasheet HTML 1Page - DFROBOT DFR0144 Datasheet HTML 2Page - DFROBOT DFR0144 Datasheet HTML 3Page - DFROBOT DFR0144 Datasheet HTML 4Page - DFROBOT DFR0144 Datasheet HTML 5Page - DFROBOT DFR0144 Datasheet HTML 6Page - DFROBOT DFR0144 Datasheet HTML 7Page - DFROBOT DFR0144 Datasheet HTML 8Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
The relay should have the positive wire of the device being used connected to "COM" and to
"NO" as shown in figure 2, and any digital signal pin on the arduino end (For example pin 13).
Sending a digital high or a "1" will trigger the relay. Sending a digital low or "0" will disable the
relay.
 
Figure2:Lamp Demo 
 
Please be vary carful not to play with live circuits! 120V or 220V should not be
taken lightly. Make sure the appliance to be tinckered with is unplugged from
mains. DO NOT CONNECT IT TO THE WALL WHILE MESSING WITH THE
CABLE!
Sample Code
byte relayPin[4] = {2,7,8,10};
//D2 -> RELAY1
//D7 -> RELAY2
//D8 -> RELAY3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com