Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0144 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0144
Description  Relay Shield for Arduino V2.1 (SKU:DFR0144)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0144 Datasheet(HTML) 1 Page - DFROBOT

  DFR0144 Datasheet HTML 1Page - DFROBOT DFR0144 Datasheet HTML 2Page - DFROBOT DFR0144 Datasheet HTML 3Page - DFROBOT DFR0144 Datasheet HTML 4Page - DFROBOT DFR0144 Datasheet HTML 5Page - DFROBOT DFR0144 Datasheet HTML 6Page - DFROBOT DFR0144 Datasheet HTML 7Page - DFROBOT DFR0144 Datasheet HTML 8Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
 
 
Relay Shield for Arduino V2.1 (SKU:DFR0144)
From Robot Wiki 
 
 
Contents
1 Introduction 
2 Specification 
3 PinOut 
4 Tutorial  
o
4.1 Connection Diagram  
4.1.1 Plugging in an appliance 
o
4.2 Sample Code 
Introduction
The DFRobot Relay shield V2.1 is capable of controlling 4 relays. The max switching power is
DC 90W or AC 360VA. It is possible to control the Relay shield through Arduino/DFRduino
using digital IOs with external 7 to 12V supply. With the built in xbee socket, it can be
wirelessly controlled via Xbee/bluetooth/WPM. This makes it an ideal solution for automation
and robotics.


Similar Part No. - DFR0144

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0140 DFROBOT-DFR0140 Datasheet
58Kb / 1P
Breadboard Power Supply 5V/3.3V
More results

Similar Description - DFR0144

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4DISPLAY-ADAPTOR-SHIELD ETC2-4DISPLAY-ADAPTOR-SHIELD Datasheet
668Kb / 8P
4D Arduino Adaptor Shield
logo
Newhaven Display Intern...
NHD-1.69-AU-SHIELD NEWHAVEN-NHD-1.69-AU-SHIELD Datasheet
1Mb / 13P
Graphic Color OLED Display Module Arduino UNO Shield
NHD-4.3CTP-SHIELD-L NEWHAVEN-NHD-4.3CTP-SHIELD-L Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3CTP-SHIELD-N NEWHAVEN-NHD-4.3CTP-SHIELD-N Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3CTP-SHIELD-V NEWHAVEN-NHD-4.3CTP-SHIELD-V Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3RTP-SHIELD-L NEWHAVEN-NHD-4.3RTP-SHIELD-L Datasheet
1Mb / 12P
Color TFT Liquid Crystal Display Module Arduino Shield
logo
ON Semiconductor
EVBUM2715 ONSEMI-EVBUM2715 Datasheet
4Mb / 37P
NCN5100 Arduino Shield Evaluation Board
February, 2020 ??Rev. 1
logo
SparkFun Electronics
DEV-14352 SPARKFUN-DEV-14352 Datasheet
244Kb / 3P
SparkFun Qwiic Shield for Arduino
10??3??7
DEV-13956 SPARKFUN-DEV-13956 Datasheet
1Mb / 26P
Arduino Weather Shield Hookup Guide V12
3/6/2017
logo
Infineon Technologies A...
BTN9970 INFINEON-BTN9970 Datasheet
581Kb / 16P
BTN9970 / BTN9990 Motor control shield Arduino shield for evaluation
Rev. 1.1 9/23/2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com