Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0144 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0144
Description  Relay Shield for Arduino V2.1 (SKU:DFR0144)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0144 Datasheet(HTML) 2 Page - DFROBOT

  DFR0144 Datasheet HTML 1Page - DFROBOT DFR0144 Datasheet HTML 2Page - DFROBOT DFR0144 Datasheet HTML 3Page - DFROBOT DFR0144 Datasheet HTML 4Page - DFROBOT DFR0144 Datasheet HTML 5Page - DFROBOT DFR0144 Datasheet HTML 6Page - DFROBOT DFR0144 Datasheet HTML 7Page - DFROBOT DFR0144 Datasheet HTML 8Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Specification
Compatible with Arduino Rev3 
4 buttons to test module 
LED status indicator of relay 
Support Xbee IO directly control 
Xbee socket for wireless communication 
Selectable digital IO pin for control(Default digital 2,7,8,10)  
6 channels Analog IO & 13 channels Digital IO  
Up to 4 Relay with photo‐coupled circuit 
Relay information:  
o
Contact Rating 3A AC 120V / DC 24V 
o
Max Switching Voltage AC 240V / DC 60V 
o
Max Switching Current 5A 
o
Max Switching Power AC 360VA / DC 90W 
o
Electrical Life (Min) 100,000 Operations 
o
Mechanical Life (Min) 10,000,000 Operations 
o
Safety Standard(relay) UL cUL TUV CQC 
o
Coil Working Voltage 9VDC 
o
Working temperature ‐30  to +85  
o
Working temperature 40% ‐ 85% 
Size:95x65mm 
PinOut
Instruction of Digital Pin State 
 
Pin 
Pin State:HIGH 
Pin State:LOW  
Digital 2 
NC1 is disconnected with COM1 
NC1 is connected with COM1  
 
NO1 is connected with COM1
NO1 is disconnected with COM1  
Digital 7  
NC2 is disconnected with COM2 
NC2 is connected with COM2  
 
NO2 is connected with COM2
NO2 is disconnected with COM2  
Digital 8  
NC3 is disconnected with COM3 
NC3 is connected with COM3  
 
NO3 is connected with COM3
NO3 is disconnected with COM3  
 



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com