Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0144 Datasheet(PDF) 6 Page - DFROBOT

Part # DFR0144
Description  Relay Shield for Arduino V2.1 (SKU:DFR0144)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0144 Datasheet(HTML) 6 Page - DFROBOT

  DFR0144 Datasheet HTML 1Page - DFROBOT DFR0144 Datasheet HTML 2Page - DFROBOT DFR0144 Datasheet HTML 3Page - DFROBOT DFR0144 Datasheet HTML 4Page - DFROBOT DFR0144 Datasheet HTML 5Page - DFROBOT DFR0144 Datasheet HTML 6Page - DFROBOT DFR0144 Datasheet HTML 7Page - DFROBOT DFR0144 Datasheet HTML 8Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
//D10 -> RELAY4
void setup(){
for(int i = 0; i < 4; i++)
pinMode(relayPin[i],OUTPUT);
}
// an sample to switch the 4 relays
void loop(){
int i;
for(i = 0; i < 4; i++)
digitalWrite(relayPin[i],HIGH);
delay(1000);
for(i = 0; i < 4; i++)
digitalWrite(relayPin[i],LOW);
delay(1000);
}
A more elaborate sample code
/*
# This Sample code is for testing the Relay shield V2.1 for Arduino.
# Editor : Phoebe
# Date
: 2013.2.28
# Ver
: 0.1
# Product: Relay shield for Arduino
# SKU
: DRI0144
# Hardwares:
1. Arduino UNO
2. Relay Shield For Arduino V2.1
3
Power Supply:7~ 12V
*/



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com