Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIFMP33UHFX Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # PIFMP33UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PIFMP33UHFX Datasheet(HTML) 5 Page - Banner Engineering Corp.

  PIFMP33UHFX Datasheet HTML 1Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 2Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 3Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 4Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 5Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 6Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 7Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 8Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Fiber Systems
167
More information online at
bannerengineering.com
D10 Series
D10 Expert™ with Numeric Display—Dual Discrete, 12-24V dc
Models
Sensing
Mode/LED*
Range
Cable**
Outputs
Data
Sheet
D10DNFP
PLASTIC FIBER
Range varies by
Power Level/Speed Selection used and
with fiber optics used.
See data sheet part number 64154
for range information.
2 m
Dual NPN
64154
D10DNFPQ
6-pin Pico QD
D10DPFP
2 m
Dual PNP
D10DPFPQ
6-pin Pico QD
D10DNFPG
PLASTIC FIBER
2 m
Dual NPN
D10DNFPGQ
6-pin Pico QD
D10DPFPG
2 m
Dual PNP
D10DPFPGQ
6-pin Pico QD
D10 Expert™ with Numeric Display—Analog/Discrete, 12-24V dc
Models
Sensing
Mode/LED*
Range
Cable**
Discrete
Output
Analog
Output
Data
Sheet
D10INFP
PLASTIC FIBER
Range varies by
Power Level/Speed Selection
used and with fiber optics
used. See data sheet part
number 65448 for range
information.
2 m
NPN
4-20 mA
65448
D10INFPQ
6-pin Pico QD
D10IPFP
2 m
PNP
D10IPFPQ
6-pin Pico QD
D10INFPG
PLASTIC FIBER
2 m
NPN
4-20 mA
D10INFPGQ
6-pin Pico QD
D10IPFPG
2 m
PNP
D10IPFPGQ
6-pin Pico QD
*
Visible Red LED
Visible Green LED
**
For 9 m cable, add suffix W/30 to the 2 m model number (example, D10DNFP W/30). A model with a QD requires a mating cable (see page 379).
Static and dynamic programming
push buttons or manual gain
potentiometer
Informative signal-strength readout
with LED display, bargraph display
or mechanical indicator
Output indicators
2 m or 9 m integral cable, or
Pico-style quick disconnect
D10 Sensors
35.9 mm
10.0 mm
Detailed
Dimensions
Download
PDF
Download
PDF
68.1 mm
D10 Expert Models
with Numeric Display
10.0 mm
68.1 mm
39.5 mm
10.0 mm
39.5 mm
68.1 mm
D10—Discrete Models
D10 Expert Models
with Bargraph Display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com