Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIFMP33UHFX Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # PIFMP33UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PIFMP33UHFX Datasheet(HTML) 3 Page - Banner Engineering Corp.

  PIFMP33UHFX Datasheet HTML 1Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 2Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 3Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 4Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 5Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 6Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 7Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 8Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Fiber Systems
165
More information online at
bannerengineering.com
Plastic fibers are for general purpose use. They tolerate severe flexing, can
be cut to length in the field and cost less than glass fibers. Glass fibers are
the best choice for challenging environments such as high temperatures,
corrosive materials and moisture.
Core–Thin glass or plastic center of the fiber
through which light travels.
Cladding–Outer optical material surrounding
the core that reflects light back into the core.
Jacket–Protective layer to protect plastic fiber
from damage and moisture.
Choosing Plastic or Glass Fibers
Fiber Construction
Glass
Plastic
Plastic fibers
.......................... page 182
• Inexpensive and easily cut to length during
installation
• Bend for a precise fit
• Available in high-flex models to withstand flexing
• Offered with special jackets that withstand
corrosion, impact and abrasion
• Available in coiled versions for applications
requiring articulated or reciprocating motion
• Available in diameters of 0.25, 0.5, 1.0 or 1.5 mm
• Can be quickly custom designed and built for
your unique applications
Glass fibers
............................ page 198
• Solve numerous challenging sensing requirements
• Ideal for hostile environments such as high
temperatures to 480° C, corrosive materials and
extreme moisture
• Withstand high levels of shock and vibration
• Inherently immune to extreme electrical noise
• Available with choice of sheathings: standard
stainless-steel flexible conduit, PVC or other
flexible tubing.
• Can be quickly custom designed
DURA-BEND™ for
extremely tight
radius bends
Fluoropolymer
encapsulated
fibers
Focused beam
fibers
Convergent
beam fibers
Linear array
fibers
Liquid level
detection fibers
High
temperature
fibers
STEELSKIN™
for impact,
abrasion
Specialty
fibers for
specific
sensing
applications.
System Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com