Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIFMP33UHFX Datasheet(PDF) 14 Page - Banner Engineering Corp.

Part # PIFMP33UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PIFMP33UHFX Datasheet(HTML) 14 Page - Banner Engineering Corp.

Back Button PIFMP33UHFX Datasheet HTML 10Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 11Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 12Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 13Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 14Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 15Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 16Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 17Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 18Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
Fiber Systems
176
More information online at
bannerengineering.com
D12 Series
D12 AC-Coupled Specifications
Supply Voltage and Current
10 to 30V dc at 60 mA max. (exclusive of load)
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Output Configuration
Bipolar: one NPN (current sinking) and one PNP (current sourcing) open-collector transistor
Output Rating
150 mA max. each output
Off-state leakage current: less than 10 mA at 30V dc
On-state saturation voltage: less than 1 volt at 10 mA dc and less than 1.5 volts at 150 mA dc
The total load may not exceed 150 mA
Output Protection Circuitry
Protected against false pulse on power-up and short circuit of outputs
Output Response Time
50 microseconds ON/OFF
(NOTE: False pulse protection circuit causes a 0.1 second delay on power-up)
Output Operation Mode
Light operate or dark operate: selected by switch
Output Timing Functions
Pulse output; adjustable from 1 to 70 milliseconds
Repeatability
15 microseconds ON
Adjustments
Three top-panel controls: SENSITIVITY control (15-turn slotted brass screw, clutched at both ends of adjustment),
a light- or dark-operate select switch, and an OUTPUT PULSE adjustment (3/4-turn potentiometer)
Indicators
Three top-mounted LED indicators:
Green LED lights to indicate dc Power ON
Yellow LED lights for Output Conducting
Red LED lights whenever AGC system is locked onto the signal
Mounting Bracket
D12 Sensors mount directly to a standard DIN rail, or may be through-hole mounted using the supplied mounting
bracket and M3 x 0.5 hardware
Construction
Black ABS housing with acrylic cover, stainless steel M3 x 0.5 hardware for use with thermoplastic polyester
mounting bracket (supplied); the plastic fiber clamping element is Acetal
Environmental Rating
Rated NEMA 4; IEC IP66
Connections
PVC-jacketed 2 m or 9 m cables, or 150 mm pigtail with 4-pin Pico-style quick-disconnect (QD) are available. QD
cables are ordered separately. See page 378.
Operating Conditions
Temperature: -40° to +70° C
Relative humidity: 90% at 50° C (non-condensing)
Application Note
D12 AC-coupled sensors should not be used in areas of known electrical “noise” or RF fields.
Hookup Diagrams
DC06 (p. 477)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com