Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIFMP33UHFX Datasheet(PDF) 10 Page - Banner Engineering Corp.

Part # PIFMP33UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PIFMP33UHFX Datasheet(HTML) 10 Page - Banner Engineering Corp.

Back Button PIFMP33UHFX Datasheet HTML 6Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 7Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 8Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 9Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 10Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 11Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 12Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 13Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 14Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Fiber Systems
172
More information online at
bannerengineering.com
D12 Series
D12 Expert™ Models . . . . . . . . . . . . . . . . . . . . . . . Page 173
D12 Standard Models . . . . . . . . . . . . . . . . . . . . . . . . . . 173
D12 AC-Coupled Models. . . . . . . . . . . . . . . . . . . . . . . . 174
D12 Sensors
D12
Complete Family of
Plastic and Glass
Fiber Optic Sensors
• Features LED bargraph that indicates signal
strength, sensing contrast, programming status and
diagnostic warnings, when not in high-speed mode
• Available in glass and plastic fiber optic models
• Includes marginal gain indicator with alarm output
• Solves routine applications with economical
standard models
• Features high-speed sensing response and higher
sensing power in some models
• Excels in low-contrast applications with ac-coupled
models
• Features easy push-button TEACH-mode setup on
D12E Expert™ models
7-LED bargraph signal strength
indicators
Dual-LED multi-function status
indicators
Sensitivity adjustment
2 m or 9 m attached cable, or Pico-style
quick disconnect
35 mm DIN-rail mountable
70.0 mm
30.0 mm
12.0 mm
Glass Fiber Models
Suffix FV and FVY
30.0 mm
64.0 mm
12.0 mm
Plastic Fiber Models
Suffix FP and FPY
PLASTIC FIBER
GLASS FIBER
Detailed
Dimensions
QD CABLES
PAGE 378
BRACKETS
PAGE 350
4-Pin Pico
PLASTIC FIBERS
PAGE 182
GLASS FIBERS
PAGE 198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com