Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIFMP33UHFX Datasheet(PDF) 6 Page - Banner Engineering Corp.

Part # PIFMP33UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PIFMP33UHFX Datasheet(HTML) 6 Page - Banner Engineering Corp.

Back Button PIFMP33UHFX Datasheet HTML 2Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 3Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 4Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 5Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 6Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 7Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 8Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 9Page - Banner Engineering Corp. PIFMP33UHFX Datasheet HTML 10Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Fiber Systems
168 More information online at bannerengineering.com
D10 Series
D10 Expert™ with Numeric Display—Analog/Discrete, 15-24V dc
Models
Sensing
Mode/LED*
Range
Cable**
Output
Type
Analog
Output
Data
Sheet
D10UNFP
PLASTIC FIBER
Range varies by
Power Level/Speed Selection
used and with fiber optics
used. See fibers section on
page 182 or reference data
sheet part number 65448 for
range information.
2 m
NPN
0-10V
65448
D10UNFPQ
6-pin Pico QD
D10UPFP
2 m
PNP
D10UPFPQ
6-pin Pico QD
D10UNFPG
PLASTIC FIBER
2 m
NPN
0-10V
D10UNFPGQ
6-pin Pico QD
D10UPFPG
2 m
PNP
D10UPFPGQ
6-pin Pico QD
D10 Expert™ with Bargraph Display—Discrete, 10-30V dc
Models
Sensing
Mode/LED*
Range
Cable**
Output
Type
Excess
Gain
Beam
Pattern
Data
Sheet
D10BFP
PLASTIC FIBER
Range varies by
Power Level/Speed
Selection used and
with fiber optics used.
See fibers section on
page 182 or reference
data sheet part
number 117830 for
range information.
2 m
Bipolar
NPN/PNP
EGCP-28 to
EGCP-31
(p. 448)
BPP-28 to
BPP-31
(p. 466)
117830
D10BFPQ
6-pin Pico QD
D10BFPG
PLASTIC FIBER
2 m
EGCP-32 to
EGCP-35
(pp. 448-
449)
BPP-32 to
BPP-35
(pp. 466-
467)
D10BFPGQ
6-pin Pico QD
D10—Discrete, 10-30V dc
Models
Sensing
Mode/LED*
Range
Cable**
Output
Type
Data
Sheet
D10AFP
PLASTIC FIBER
Range varies by
Power Level/Speed Selection used and
with fiber optics used.
See fibers section on page 182 or
reference data sheet part number
118431 for range information.
2 m
Bipolar
NPN/PNP
118431
D10AFPQ
4-pin Pico QD
D10AFPG
PLASTIC FIBER
2 m
D10AFPGQ
4-pin Pico QD
D10AFPY
PLASTIC FIBER
Range varies by
Power Level/Speed Selection used and
with fiber optics used.
See fibers section on page 182 or
reference data sheet part number
118431 for range information.
2 m
D10AFPYQ
4-pin Pico QD
D10AFPGY
PLASTIC FIBER
2 m
D10AFPGYQ
4-pin Pico QD
*
Visible Red LED
Visible Green LED
**
For 9 m cable, add suffix W/30 to the 2 m model number (example, D10DUNFP W/30). A model with a QD requires a mating cable (see pages 378 and 379).
Download
PDF
Download
PDF
Download
PDF
HIGH-SPEED
HIGH-SPEED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com