Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS131M08IPBSR Datasheet(PDF) 83 Page - Texas Instruments

Part # ADS131M08IPBSR
Description  ADS131M08 8-Channel, Simultaneously-Sampling, 24-Bit, Delta-Sigma ADC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS131M08IPBSR Datasheet(HTML) 83 Page - Texas Instruments

Back Button ADS131M08IPBSR Datasheet HTML 79Page - Texas Instruments ADS131M08IPBSR Datasheet HTML 80Page - Texas Instruments ADS131M08IPBSR Datasheet HTML 81Page - Texas Instruments ADS131M08IPBSR Datasheet HTML 82Page - Texas Instruments ADS131M08IPBSR Datasheet HTML 83Page - Texas Instruments ADS131M08IPBSR Datasheet HTML 84Page - Texas Instruments ADS131M08IPBSR Datasheet HTML 85Page - Texas Instruments ADS131M08IPBSR Datasheet HTML 86Page - Texas Instruments ADS131M08IPBSR Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 118 page
background image
8.6.41 CH6_OCAL_MSB Register (Address = 28h) [reset = 0000h]
The CH6_OCAL_MSB register is shown in Figure 8-66 and described in Table 8-54.
Return to the Summary Table.
Figure 8-66. CH6_OCAL_MSB Register
15
14
13
12
11
10
9
8
OCAL6_MSB[15:8]
R/W-0000000000000000b
7
6
5
4
3
2
1
0
OCAL6_MSB[7:0]
R/W-0000000000000000b
Table 8-54. CH6_OCAL_MSB Register Field Descriptions
Bit
Field
Type
Reset
Description
15:0
OCAL6_MSB[15:0]
R/W
00000000
00000000b
Channel 6 offset calibration register bits [23:8]
Value provided in two's complement format
8.6.42 CH6_OCAL_LSB Register (Address = 29h) [reset = 0000h]
The CH6_OCAL_LSB register is shown in Figure 8-67 and described in Table 8-55.
Return to the Summary Table.
Figure 8-67. CH6_OCAL_LSB Register
15
14
13
12
11
10
9
8
OCAL6_LSB[7:0]
R/W-00000000b
7
6
5
4
3
2
1
0
RESERVED
R-00000000b
Table 8-55. CH6_OCAL_LSB Register Field Descriptions
Bit
Field
Type
Reset
Description
15:8
OCAL6_LSB[7:0]
R/W
00000000b
Channel 6 offset calibration register bits [7:0]
Value provided in two's complement format
7:0
RESERVED
R
00000000b
Reserved
always reads 00000000b
www.ti.com
ADS131M08
SBAS950B – OCTOBER 2019 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: ADS131M08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com