Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS131M08IPBSR Datasheet(PDF) 98 Page - Texas Instruments

Part # ADS131M08IPBSR
Description  ADS131M08 8-Channel, Simultaneously-Sampling, 24-Bit, Delta-Sigma ADC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS131M08IPBSR Datasheet(HTML) 98 Page - Texas Instruments

Back Button ADS131M08IPBSR Datasheet HTML 94Page - Texas Instruments ADS131M08IPBSR Datasheet HTML 95Page - Texas Instruments ADS131M08IPBSR Datasheet HTML 96Page - Texas Instruments ADS131M08IPBSR Datasheet HTML 97Page - Texas Instruments ADS131M08IPBSR Datasheet HTML 98Page - Texas Instruments ADS131M08IPBSR Datasheet HTML 99Page - Texas Instruments ADS131M08IPBSR Datasheet HTML 100Page - Texas Instruments ADS131M08IPBSR Datasheet HTML 101Page - Texas Instruments ADS131M08IPBSR Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 118 page
background image
RHI is 300 kΩ and RLO is 750 Ω in this design. For a mains voltage of 240 V (as measured between the line and
neutral), the input signal to the voltage ADC has a voltage swing of ±256 mV (182 mVRMS) based on Equation 11
and the selected resistor values. This voltage is well within the ±1.2-V input voltage range that can be sensed by
the ADS131M08 for the selected PGA gain value of 1 that is used for the voltage channels.
9.2.2.2 Current Measurement Front-End
The analog front-end for current inputs is different from the analog front-end for the voltage inputs. Figure 9-7
shows the analog front-end used for a current channel.
R
FILT
C
FILT
R
FILT
AINxP
AINxN
Live
R
B
R
B
Figure 9-7. Current Measurement Front-End
The analog front-end for current consists of burden resistors for the current transformers (RB) and an RC low-
pass filter (RFILT and CFILT) that functions as an antialias filter.
Two identical burden resistors in series are used with the common point being connected to GND instead of
using one burden resistor for best THD performance. This split-burden resistor configuration ensures that the
waveforms fed to the positive and negative terminals of the ADC are 180 degrees out-of-phase with each other,
which provides the best THD results with this ADC. The total burden resistance is selected based on the current
range used and the turns ratio specification of the CT (this design uses CTs with a turns ratio of 2000). The total
value of the effective burden resistor (2RB) for this design is 12.98 Ω.
Equation 12 shows how to calculate the range of differential voltages fed to the current ADC channel for a given
maximum current, CT turns ratio, and burden resistor value.
ADC
RMS
B
CT
V
I
2R
2 N
r
u
u
(12)
Based on the maximum RMS current of 100 A, a CT turns ratio NCT of 2000, and an effective burden resistor
2RB between AINxP and AINxN of 12.98 Ω for this design, the input signal to the current ADC has a voltage
swing of ±918 mV maximum (649 mVRMS) when the maximum current rating of the meter (100 A) is applied. This
±918-mV maximum input voltage is well within the ±1.2-V input range of the device for the selected PGA gain of
1 that is used for the current channels.
9.2.2.3 ADC Setup
The ADS131M08 receives its clock from the MCU in this design. The ADS131M08 is configured in HR mode and
the MCU provides an 8.192-MHz master clock, which is within the allowable clock frequency range for HR mode.
The MCU SPI port that is used to communicate with the ADS131M08 is configured to CPOL = 0 and CPHA = 1.
The SPI clock frequency is configured to be 8.192 MHz so that all conversion data can be shifted out of the
device successfully within the sample period. When powered on, the MCU configures the ADS131M08 registers
with the following settings using SPI register writes.
• GAIN1 and GAIN2 register settings: PGA gain of 1 is used for all ADC channels.
• CHx_CNG register settings (where x is the channel number): All ADC channel inputs are connected to the
external ADC pins and the channel phase delay set to 0 for each channel. The channel phase setting can
also be configured in this register. This design uses an integer number of output samples for phase
calibration so the processing is done in software completely.
• CLOCK register settings: OSR = 512, all channels enabled, and HR mode.
ADS131M08
SBAS950B – OCTOBER 2019 – REVISED FEBRUARY 2021
www.ti.com
98
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ADS131M08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com