Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8699IPW Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS8699IPW
Description  ADS869x 18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System With Programmable, Bipolar Input Ranges
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8699IPW Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS8699IPW Datasheet HTML 17Page - Texas Instruments ADS8699IPW Datasheet HTML 18Page - Texas Instruments ADS8699IPW Datasheet HTML 19Page - Texas Instruments ADS8699IPW Datasheet HTML 20Page - Texas Instruments ADS8699IPW Datasheet HTML 21Page - Texas Instruments ADS8699IPW Datasheet HTML 22Page - Texas Instruments ADS8699IPW Datasheet HTML 23Page - Texas Instruments ADS8699IPW Datasheet HTML 24Page - Texas Instruments ADS8699IPW Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
6.12 Typical Characteristics (continued)
at TA = 25°C, AVDD = 5 V, DVDD = 3 V, VREF = 4.096 V (internal), and maximum throughput (unless otherwise noted)
Free-Air Temperature (0C)
-40
-7
26
59
92
125
2.4
2.5
2.6
2.7
2.8
D067
± 12.288 V
± 10.24 V
± 6.144 V
± 5.12 V
± 2.56 V
0-12.288 V
0-10.24 V
0-6.144 V
0-5.12 V
Figure 6-45. AVDD Current vs Temperature (Standby Mode)
Free-Air Temperature (0C)
-40
-7
26
59
92
125
0
0.5
1
1.5
2
2.5
3
D068
± 12.288 V
± 10.24 V
± 6.144 V
± 5.12 V
± 2.56 V
0-12.288 V
0-10.24 V
0-6.144 V
0-5.12 V
Figure 6-46. AVDD Current vs Temperature (Power-Down Mode)
www.ti.com
ADS8691, ADS8695, ADS8699
SBAS777B – DECEMBER 2016 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ADS8691 ADS8695 ADS8699



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com