Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8699IPW Datasheet(PDF) 24 Page - Texas Instruments

Part # ADS8699IPW
Description  ADS869x 18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System With Programmable, Bipolar Input Ranges
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8699IPW Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS8699IPW Datasheet HTML 20Page - Texas Instruments ADS8699IPW Datasheet HTML 21Page - Texas Instruments ADS8699IPW Datasheet HTML 22Page - Texas Instruments ADS8699IPW Datasheet HTML 23Page - Texas Instruments ADS8699IPW Datasheet HTML 24Page - Texas Instruments ADS8699IPW Datasheet HTML 25Page - Texas Instruments ADS8699IPW Datasheet HTML 26Page - Texas Instruments ADS8699IPW Datasheet HTML 27Page - Texas Instruments ADS8699IPW Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 74 page
background image
electrical fast transient (EFT) conditions. A conceptual block diagram of the internal OVP circuit is shown in
Figure 7-2.
VOUT
V+
V±
+
VB
AVDD
GND
AIN_P
AIN_GND
1 MŸ
1 MŸ
RDC
RFB
0 V
VP+
VP-
RS
ESD
D1p
D2n
RS
AVDD
AVDD
D2p
D1n
ESD
Figure 7-2. Input Overvoltage Protection Circuit Schematic
As shown in Figure 7-2, the combination of the 1-MΩ (or, 1.2 MΩ for appropriate input ranges) input resistors
along with the PGA gain-setting resistors RFB and RDC limit the current flowing into the input pin. A combination
of anti-parallel diodes, D1 and D2 are added to protect the internal circuitry and set the overvoltage protection
limits.
Table 7-1 explains the various operating conditions for the device when powered on. This table indicates that
when the device is properly powered up (AVDD = 5 V) or offers a low impedance of < 30 kΩ, the internal
overvoltage protection circuit can withstand up to ±20 V on the analog input pins.
Table 7-1. Input Overvoltage Protection Limits When AVDD = 5 V (1)
INPUT CONDITION
(VOVP = ±20 V)
TEST
CONDITION
ADC
OUTPUT
COMMENTS
CONDITION
RANGE
|VIN| < |VRANGE|
Within operating range
All input
ranges
Valid
Device functions as per data sheet specifications.
|VRANGE| < |VIN| < |VOVP|
Beyond operating range but
within overvoltage range
All input
ranges
Saturated
ADC output is saturated, but device is internally protected
(not recommended for extended time).
|VIN| > |VOVP|
Beyond overvoltage range
All input
ranges
Saturated
This usage condition can cause irreversible damage to the
device.
(1)
GND = 0 V, AIN_GND = 0 V, |VRANGE| is the maximum input voltage for any selected input range, and |VOVP| is the break-down voltage
for the internal OVP circuit. Assume that RS is approximately 0 Ω.
The results indicated in Table 7-1 are based on an assumption that the analog input pin is driven by a very low
impedance source (RS is approximately 0 Ω). However, if the source driving the input has higher impedance, the
current flowing through the protection diodes reduces further, thereby increasing the OVP voltage range. Higher
source impedances result in gain errors and contribute to overall system noise performance.
Figure 7-3 shows the voltage versus current response of the internal overvoltage protection circuit when the
device is powered on. According to this current-to-voltage (I-V) response, the current flowing into the device
input pin is limited by the 1-MΩ (or 1.2 MΩ for appropriate input ranges) input impedance. However, for voltages
ADS8691, ADS8695, ADS8699
SBAS777B – DECEMBER 2016 – REVISED MARCH 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ADS8691 ADS8695 ADS8699



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com