Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8699IPW Datasheet(PDF) 49 Page - Texas Instruments

Part # ADS8699IPW
Description  ADS869x 18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System With Programmable, Bipolar Input Ranges
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8699IPW Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADS8699IPW Datasheet HTML 45Page - Texas Instruments ADS8699IPW Datasheet HTML 46Page - Texas Instruments ADS8699IPW Datasheet HTML 47Page - Texas Instruments ADS8699IPW Datasheet HTML 48Page - Texas Instruments ADS8699IPW Datasheet HTML 49Page - Texas Instruments ADS8699IPW Datasheet HTML 50Page - Texas Instruments ADS8699IPW Datasheet HTML 51Page - Texas Instruments ADS8699IPW Datasheet HTML 52Page - Texas Instruments ADS8699IPW Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 74 page
background image
7.6.1.2 RST_PWRCTL_REG Register (address = 04h)
This register controls the reset and power-down features offered by the converter.
Any write operation to the RST_PWRCTL_REG register must be preceded by a write operation with the register
address set to 05h and the register data set to 69h.
Figure 7-18. RST_PWRCTL_REG Register
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
R-0000h
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
WKEY[7:0]
Reserved
VDD_AL_
DIS
IN_AL_DIS
Reserved
RSTn_APP
NAP_EN
PWRDN
R/W-00h
R-00b
R/W-0b
R/W-0b
R-0b
R/W-<0>b
R/W-<0>b
R/W-0b
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset; -0, -1 = Condition after application reset;
LEGEND: -<0>, -<1> = Condition after power-on reset
Address for bits 7-0 = 04h
Address for bits 15-8 = 05h
Address for bits 23-16 = 06h
Address for bits 31-24 = 07h
Table 7-12. RST_PWRCTL_REG Register Field Descriptions
Bit
Field
Type
Reset
Description
31-16
Reserved
R
0000h
Reserved. Reads return 0000h.
15-8
WKEY[7:0]
R/W
00h
This value functions as a protection key to enable writes to bits 5-0.
Bits are written only if WKEY is set to 69h first.
7-6
Reserved
R
00b
Reserved. Reads return 00b
5
VDD_AL_DIS
R/W
0b
0b = VDD alarm is enabled
1b = VDD alarm is disabled
4
IN_AL_DIS
R/W
0b
0b = Input alarm is enabled
1b = Input alarm is disabled
3
Reserved
R
0b
Reserved. Reads return 0h.
2
RSTn_APP(1)
R/W
0b
0b = RST pin functions as a POR class reset (causes full device
initialization)
1b = RST pin functions as an application reset (only user-programmed
modes are cleared)
1
NAP_EN(2)
R/W
0b
0b = Disables the NAP mode of the converter
1b = Enables the converter to enter NAP mode if CONVST/CS is held high
after the current conversion completes
0
PWRDN(2)
R/W
0b
0b = Puts the converter into active mode
1b = Puts the converter into power-down mode
(1)
Setting this bit forces the RST pin to function as an application reset until the next power cycle.
(2)
See the Electrical Characteristics table for details on the latency encountered when entering and exiting the associated low-power
mode.
www.ti.com
ADS8691, ADS8695, ADS8699
SBAS777B – DECEMBER 2016 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: ADS8691 ADS8695 ADS8699



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com