Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8699IPW Datasheet(PDF) 39 Page - Texas Instruments

Part # ADS8699IPW
Description  ADS869x 18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System With Programmable, Bipolar Input Ranges
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8699IPW Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS8699IPW Datasheet HTML 35Page - Texas Instruments ADS8699IPW Datasheet HTML 36Page - Texas Instruments ADS8699IPW Datasheet HTML 37Page - Texas Instruments ADS8699IPW Datasheet HTML 38Page - Texas Instruments ADS8699IPW Datasheet HTML 39Page - Texas Instruments ADS8699IPW Datasheet HTML 40Page - Texas Instruments ADS8699IPW Datasheet HTML 41Page - Texas Instruments ADS8699IPW Datasheet HTML 42Page - Texas Instruments ADS8699IPW Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
7.4.2.1 RESET State
The device features an active-low RST pin that is an asynchronous digital input. In order to enter a RESET state,
the RST pin must be pulled low and kept low for the twl_RST duration (as specified in the Timing Requirements:
Asynchronous Reset table).
The device features two different types of reset functions: an application reset or a power-on reset (POR). The
functionality of the RST pin is determined by the state of the RSTn_APP bit in the RST_PWRCTL_REG register.
• In order to configure the RST pin to issue an application reset, the RSTn_APP bit in the RST_PWRCTL_REG
register must be configured to 1b. In this RESET state, all configuration registers (see the Register Maps
section) are reset to their default values, the RVS pins remain low, and the SDO-x pins are tri-stated.
• The default configuration for the RST pin is to issue a power-on reset when pulled to a low level. The
RSTn_APP bit is set to 0b in this state. When a POR is issued, all internal circuitry of the device (including
the PGA, ADC driver, and voltage reference) are reset. When the device comes out of the POR state, the
tD_RST_POR time duration must be allowed for (see the Timing Requirements: Asynchronous Reset table) in
order for the internal circuitry to accurately settle.
In order to exit any of the RESET states, the RST pin must be pulled high with CONVST/CS and SCLK held low.
After a delay of tD_RST_POR or tD_RST_APP (see the Timing Requirements: Asynchronous Reset table), the device
enters ACQ state and the RVS pin goes high.
To operate the device in any of the other two states (ACQ or CONV), the RST pin must be held high. With the
RST pin held high, transitions on the CONVST/CS pin determine the functional state of the device. A typical
conversion cycle is illustrated in Figure 6-1.
7.4.2.2 ACQ State
In ACQ state, the device acquires the analog input signal. The device enters ACQ state on power-up, after any
asynchronous reset, or after the end of every conversion.
The falling edge of the RST falling edge takes the device from an ACQ state to a RESET state. A rising edge of
the CONVST/CS signal takes the device from ACQ state to a CONV state.
The device offers a low-power NAP mode to reduce power consumption in the ACQ state; see the NAP Mode
section for more details on NAP mode.
7.4.2.3 CONV State
The device moves from ACQ state to CONV state on the rising edge of the CONVST/CS signal. The conversion
process uses an internal clock and the device ignores any further transitions on the CONVST/CS signal until the
ongoing conversion is complete (that is, during the time interval of tconv).
At the end of conversion, the device enters ACQ state. The cycle time for the device is given by Equation 1:
cycle-min
conv
acq-min
t
t
t
(1)
Note
The conversion time, tconv, can vary within the specified limits of tconv_min and tconv_max (as specified in
the Timing Requirements: Conversion Cycle table). After initiating a conversion, the host controller
must monitor for a low-to-high transition on the RVS pin or wait for the tconv_max duration to elapse
before initiating a new operation (data transfer or conversion). If RVS is not monitored, substitute tconv
in Equation 1 with tconv_max.
www.ti.com
ADS8691, ADS8695, ADS8699
SBAS777B – DECEMBER 2016 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: ADS8691 ADS8695 ADS8699



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com