Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8699IPW Datasheet(PDF) 35 Page - Texas Instruments

Part # ADS8699IPW
Description  ADS869x 18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System With Programmable, Bipolar Input Ranges
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8699IPW Datasheet(HTML) 35 Page - Texas Instruments

Back Button ADS8699IPW Datasheet HTML 31Page - Texas Instruments ADS8699IPW Datasheet HTML 32Page - Texas Instruments ADS8699IPW Datasheet HTML 33Page - Texas Instruments ADS8699IPW Datasheet HTML 34Page - Texas Instruments ADS8699IPW Datasheet HTML 35Page - Texas Instruments ADS8699IPW Datasheet HTML 36Page - Texas Instruments ADS8699IPW Datasheet HTML 37Page - Texas Instruments ADS8699IPW Datasheet HTML 38Page - Texas Instruments ADS8699IPW Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 74 page
background image
7.4 Device Functional Modes
The device features the multiSPI digital interface for communication and data transfer between the device and
the host controller. The multiSPI interface supports many data transfer protocols that the host uses to exchange
data and commands with the device. The host can transfer data into the device using one of the standard SPI
modes. However, the device can be configured to output data in a number of ways to suit the application
demands of throughput and latency. The data output in these modes can be controlled either by the host or the
device, and the timing can either be system synchronous or source synchronous. For detailed explanation of the
supported data transfer protocols, see the Data Transfer Protocols section.
This section describes the main components of the digital interface module as well as supported configurations
and protocols. As shown in Figure 7-19, the interface module is comprised of shift registers (both input and
output), configuration registers, and a protocol unit. During any particular data frame, data are transferred both
into and out of the device. As a result, the host always perceives the device as a 32-bit input-output shift register,
as shown in Figure 7-19.
Interface Module
Configuration Registers
RST
CONVST
CS
SCLK
ALARM/SDO-1/GPO
RVS
Digital
Control
Logic
Output Register (Data and Flags from Device)
Input Register
D31
D30
D1
D0
B31
B30
B1
B0
ADC
Command Processor
SCLK
Counter
SDI
LSB
LSB+1
MSB-1
MSB
SDO-0
Unified Shift Register
Figure 7-19. Device Interface Module
The Pin Configuration and Functions section provides descriptions of the interface pins; the Data Transfer Frame
section details the functions of shift registers, the SCLK counter, and the command processor; the Data Transfer
Protocols section details supported protocols; and the Register Maps section explains the configuration registers
and bit settings.
www.ti.com
ADS8691, ADS8695, ADS8699
SBAS777B – DECEMBER 2016 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: ADS8691 ADS8695 ADS8699



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com