Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1301 Datasheet(PDF) 5 Page - Texas Instruments

Part # AMC1301
Description  AMC1301 Precision, ±250-mV Input, Reinforced Isolated Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1301 Datasheet(HTML) 5 Page - Texas Instruments

  AMC1301 Datasheet HTML 1Page - Texas Instruments AMC1301 Datasheet HTML 2Page - Texas Instruments AMC1301 Datasheet HTML 3Page - Texas Instruments AMC1301 Datasheet HTML 4Page - Texas Instruments AMC1301 Datasheet HTML 5Page - Texas Instruments AMC1301 Datasheet HTML 6Page - Texas Instruments AMC1301 Datasheet HTML 7Page - Texas Instruments AMC1301 Datasheet HTML 8Page - Texas Instruments AMC1301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
see(1)
MIN
MAX
UNIT
Power-supply voltage
High-side VDD1 to GND1
–0.3
7
V
Low-side VDD2 to GND2
–0.3
7
Analog input voltage
INP, INN
GND1 – 6
VDD1 + 0.5
V
Input current
Continuous, any pin except power-supply pins
–10
10
mA
Temperature
Junction, TJ
150
°C
Storage, Tstg
–65
150
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002((2))
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
POWER SUPPLY
High-side power supply
VDD1 to GND1
3
5
5.5
V
Low-side power supply
VDD2 to GND2
3
3.3
5.5
V
ANALOG INPUT
VClipping
Differential input voltage before clipping output
VIN = VINP – VINN
±302.7
mV
VFSR
Specified linear differential full-scale voltage
VIN = VINP – VINN
–250
250
mV
Absolute common-mode input voltage(1)
(VINP + VINN) / 2 to GND1
–2
VDD1
V
VCM
Operating common-mode input voltage
(VINP + VINN) / 2 to GND1
–0.16
VDD1 – 2.1
V
TEMPERATURE RANGE
TA
Specified ambient temperature
AMC1301
–40
125
°C
AMC1301S
–55
125
(1)
Steady-state voltage supported by the device in case of a system failure. See specified common-mode input voltage VCM for normal
operation. Observe analog input voltage range as specified in Absolute Maximum Ratings table.
www.ti.com
AMC1301
SBAS667G – APRIL 2016 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: AMC1301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com